Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S03A Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # S03A
Description  0.3A SURFACE MOUNT GLASS PASSIVATED DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

S03A Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  S03A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd S03A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Characteristic
Symbol
0.3A SURFACE MOUNT GLASS PASSIVATED DIODE
S03A – S03M
15
pF
25
A
Weight: 0.01 grams (approx.)
Case: SOD-123FL, Molded Plastic
Surge Overload Rating to 25A Peak
Ultra-Fast Recovery Time
Ideally Suited for Automatic Assembly
Low Power Loss
Classification Rating 94V-O
1.3
V
-65 to +150
°C
35
70
140
280
420
560
800
V
50
100
200
400
600
800
1000
V
Features
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 100°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
Forward Voltage
@IF = 1.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Typical Junction Capacitance (Note 2)
Cj
Typical Thermal Resistance (Note 3)
RJL
30
°C/W
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
1 of 2
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
SOD - 123FL
Dimensions in millimeters
Glass passivated device
!
!
S03A
UNITS
S03B S03D
S03G S03J S03K S03M
S03A – S03M
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com


Similar Part No. - S03A

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
S03A CHENDA-S03A Datasheet
408Kb / 2P
   Surface Mount Standard Rectifiers
logo
HuaXinAn Electronics CO...
S03A HUAXINAN-S03A Datasheet
350Kb / 7P
   SIDACtor Protection Thyristors
logo
Microdiode Electronics ...
S03A CHENDA-S03A Datasheet
935Kb / 2P
   Surface Mount Standard Rectifiers Reverse Voltage - 50 to 100 0 Volts Forward Current - 0.3 Ampere
logo
List of Unclassifed Man...
S03A1500W1 ETC-S03A1500W1 Datasheet
650Kb / 2P
   HYBRID COUPLERS
S03A2750N1 ETC1-S03A2750N1 Datasheet
629Kb / 2P
   Low Profile 3 dB hybrid coupler in an easy to use surface mount package for ISM
More results

Similar Description - S03A

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ1.0GM3V9-100 MIC-MZ1.0GM3V9-100 Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
logo
Zibo Seno Electronic En...
DSR0.3A ZSELEC-DSR0.3A Datasheet
144Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
GS1000FL ZSELEC-GS1000FL Datasheet
139Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
logo
EIC discrete Semiconduc...
QBYT62A EIC-QBYT62A Datasheet
184Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED AVALANCHE DIODE
Rev. 00 : April 7,2016
logo
Zibo Seno Electronic En...
1N4001W ZSELEC-1N4001W Datasheet
140Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
logo
EIC discrete Semiconduc...
BYT62A EIC-BYT62A Datasheet
148Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED AVALANCHE DIODE
Rev. 01:December 11, 2012
logo
Taiwan Semiconductor Co...
1SMA6V8 TSC-1SMA6V8 Datasheet
254Kb / 3P
   Surface Mount Glass Passivated Zener Diode
logo
Zibo Seno Electronic En...
DSR1A ZSELEC-DSR1A Datasheet
144Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
logo
EIC discrete Semiconduc...
EGF1T EIC-EGF1T Datasheet
403Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED AVALANCHE DIODE
Rev. 02 :May 27, 2019
logo
Won-Top Electronics
ER1A WTE-ER1A_06 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com