Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8672Q20BGE-400 Datasheet(PDF) 5 Page - GSI Technology

Part # GS8672Q20BGE-400
Description  On-Chip ECC with virtually zero SER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8672Q20BGE-400 Datasheet(HTML) 5 Page - GSI Technology

  GS8672Q20BGE-400 Datasheet HTML 1Page - GSI Technology GS8672Q20BGE-400 Datasheet HTML 2Page - GSI Technology GS8672Q20BGE-400 Datasheet HTML 3Page - GSI Technology GS8672Q20BGE-400 Datasheet HTML 4Page - GSI Technology GS8672Q20BGE-400 Datasheet HTML 5Page - GSI Technology GS8672Q20BGE-400 Datasheet HTML 6Page - GSI Technology GS8672Q20BGE-400 Datasheet HTML 7Page - GSI Technology GS8672Q20BGE-400 Datasheet HTML 8Page - GSI Technology GS8672Q20BGE-400 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
GS8672Q20/38BE-500/450/400
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01c 8/2017
5/28
© 2011, GSI Technology
Background
Separate I/O SRAMs, from a system architecture point of view, are attractive in applications where alternating reads and writes are
needed. Therefore, the SigmaQuad-II+ ECCRAM interface and truth table are optimized for alternating reads and writes. Separate
I/O SRAMs are unpopular in applications where multiple reads or multiple writes are needed because burst read or write transfers
from Separate I/O ECCRAMs can cut the RAM’s bandwidth in half.
SigmaQuad-II+ B2 ECCRAM DDR Read
The read port samples the status of the Address Input and R pins at each rising edge of K. A Low on the Read Enable pin, R, begins
a read cycle. Data can be clocked out after the next rising edge of K with a rising edge of C (or by K if C and C are tied High), and
after the following rising edge of K with a rising edge of C (or by K if C and C are tied High). Clocking in a High on the Read
Enable pin, R, begins a read port deselect cycle.
SigmaQuad-II+ B2 ECCRAM DDR Write
The write port samples the status of the W pin at each rising edge of K and the Address Input pins on the following rising edge of
K. A Low on the Write Enable pin, W, begins a write cycle. The first of the data-in pairs associated with the write command is
clocked in with the same rising edge of K used to capture the write command. The second of the two data in transfers is captured on
the rising edge of K along with the write address. Clocking in a High on W causes a write port deselect cycle.


Similar Part No. - GS8672Q20BGE-400

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8672Q20BGE-400 GSI-GS8672Q20BGE-400 Datasheet
457Kb / 28P
   On-Chip ECC with virtually zero SER
GS8672Q20BGE-400I GSI-GS8672Q20BGE-400I Datasheet
457Kb / 28P
   On-Chip ECC with virtually zero SER
More results

Similar Description - GS8672Q20BGE-400

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673ED36BK-625I GSI-GS8673ED36BK-625I Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673EQ18BK-625 GSI-GS8673EQ18BK-625 Datasheet
451Kb / 31P
   On-Chip ECC with virtually zero SER
GS8672Q38BE-450I GSI-GS8672Q38BE-450I Datasheet
457Kb / 28P
   On-Chip ECC with virtually zero SER
GS8673ED18BGK-625 GSI-GS8673ED18BGK-625 Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673ED36BK-550 GSI-GS8673ED36BK-550 Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8672D37BGE-375 GSI-GS8672D37BGE-375 Datasheet
483Kb / 28P
   On-Chip ECC with virtually zero SER
GS8672D20BGE-633 GSI-GS8672D20BGE-633 Datasheet
483Kb / 30P
   On-Chip ECC with virtually zero SER
GS8672Q19BGE-300 GSI-GS8672Q19BGE-300 Datasheet
475Kb / 27P
   On-Chip ECC with virtually zero SER
GS8673ED36BK-675I GSI-GS8673ED36BK-675I Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673EQ36BGK-675 GSI-GS8673EQ36BGK-675 Datasheet
451Kb / 31P
   On-Chip ECC with virtually zero SER
GS8672D20BE-450I GSI-GS8672D20BE-450I Datasheet
483Kb / 30P
   On-Chip ECC with virtually zero SER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com