Electronic Components Datasheet Search |
|
GS8672Q37BGE-333I Datasheet(PDF) 5 Page - GSI Technology |
|
GS8672Q37BGE-333I Datasheet(HTML) 5 Page - GSI Technology |
5 / 27 page GS8672Q19/37BE-450/400/375/333/300 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.02c 8/2017 5/27 © 2011, GSI Technology Background Separate I/O SRAMs, from a system architecture point of view, are attractive in applications where alternating reads and writes are needed. Therefore, the SigmaQuad-II+ ECCRAM interface and truth table are optimized for alternating reads and writes. Separate I/O SRAMs are unpopular in applications where multiple reads or multiple writes are needed because burst read or write transfers from Separate I/O SRAMs can cut the RAM’s bandwidth in half. SigmaQuad-II+ B2 ECCRAM DDR Read The read port samples the status of the Address Input and R pins at each rising edge of K. A low on the Read Enable pin, R, begins a read cycle. Data can be clocked out after the next rising edge of K with a rising edge of K, and after the following rising edge of K with a rising edge of K. Clocking in a high on the Read Enable pin, R, begins a read port deselect cycle. SigmaQuad-II+ B2 ECCRAM DDR Write The write port samples the status of the W pin at each rising edge of K and the Address Input pins on the following rising edge of K. A low on the Write Enable pin, W, begins a write cycle. The first of the data-in pairs associated with the write command is clocked in with the same rising edge of K used to capture the write command. The second of the two data in transfers is captured on the rising edge of K along with the write address. Clocking in a high on W causes a write port deselect cycle. |
Similar Part No. - GS8672Q37BGE-333I |
|
Similar Description - GS8672Q37BGE-333I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |