Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8672Q38BGE-500I Datasheet(PDF) 3 Page - GSI Technology

Part # GS8672Q38BGE-500I
Description  On-Chip ECC with virtually zero SER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8672Q38BGE-500I Datasheet(HTML) 3 Page - GSI Technology

  GS8672Q38BGE-500I Datasheet HTML 1Page - GSI Technology GS8672Q38BGE-500I Datasheet HTML 2Page - GSI Technology GS8672Q38BGE-500I Datasheet HTML 3Page - GSI Technology GS8672Q38BGE-500I Datasheet HTML 4Page - GSI Technology GS8672Q38BGE-500I Datasheet HTML 5Page - GSI Technology GS8672Q38BGE-500I Datasheet HTML 6Page - GSI Technology GS8672Q38BGE-500I Datasheet HTML 7Page - GSI Technology GS8672Q38BGE-500I Datasheet HTML 8Page - GSI Technology GS8672Q38BGE-500I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
4M x 18 SigmaQuad-II ECCRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
NC
(144Mb)
SA
W
BW1
K
NF
R
SA
SA
CQ
B
NC
Q9
D9
SA
NF
K
BW0
SA
NC
NC
Q8
C
NC
NC
D10
VSS
SA
SA
SA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
SA
SA
SA
VSS
NC
NC
D1
P
NC
NC
Q17
SA
SA
QVLD
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—15 x 17 mm2 Body—1 mm Bump Pitch
Notes:
1. BW0 controls writes to D0:D8. BW1 controls writes to D9:D17.
GS8672Q20/38BE-500/450/400
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01c 8/2017
3/28
© 2011, GSI Technology


Similar Part No. - GS8672Q38BGE-500I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8672Q38BGE-500I GSI-GS8672Q38BGE-500I Datasheet
457Kb / 28P
   On-Chip ECC with virtually zero SER
More results

Similar Description - GS8672Q38BGE-500I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673ED36BK-625I GSI-GS8673ED36BK-625I Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673EQ18BK-625 GSI-GS8673EQ18BK-625 Datasheet
451Kb / 31P
   On-Chip ECC with virtually zero SER
GS8672Q38BE-450I GSI-GS8672Q38BE-450I Datasheet
457Kb / 28P
   On-Chip ECC with virtually zero SER
GS8673ED18BGK-625 GSI-GS8673ED18BGK-625 Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673ED36BK-550 GSI-GS8673ED36BK-550 Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8672D37BGE-375 GSI-GS8672D37BGE-375 Datasheet
483Kb / 28P
   On-Chip ECC with virtually zero SER
GS8672D20BGE-633 GSI-GS8672D20BGE-633 Datasheet
483Kb / 30P
   On-Chip ECC with virtually zero SER
GS8672Q19BGE-300 GSI-GS8672Q19BGE-300 Datasheet
475Kb / 27P
   On-Chip ECC with virtually zero SER
GS8673ED36BK-675I GSI-GS8673ED36BK-675I Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673EQ36BGK-675 GSI-GS8673EQ36BGK-675 Datasheet
451Kb / 31P
   On-Chip ECC with virtually zero SER
GS8672D20BE-450I GSI-GS8672D20BE-450I Datasheet
483Kb / 30P
   On-Chip ECC with virtually zero SER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com