Electronic Components Datasheet Search |
|
GS8672Q38BGE-500I Datasheet(PDF) 11 Page - GSI Technology |
|
GS8672Q38BGE-500I Datasheet(HTML) 11 Page - GSI Technology |
11 / 28 page Absolute Maximum Ratings (All voltages reference to VSS) Symbol Description Value Unit VDD Voltage on VDD Pins –0.5 to 2.4 V VDDQ Voltage in VDDQ Pins –0.5 to VDD V VREF Voltage in VREF Pins –0.5 to VDDQ V VI/O Voltage on I/O Pins –0.5 to VDDQ +0.5 ( 2.4 V max.) V VIN Voltage on Other Input Pins –0.5 to VDDQ +0.5 ( 2.4 V max.) V IIN Input Current on Any Pin +/–100 mA dc IOUT Output Current on Any I/O Pin +/–100 mA dc TJ Maximum Junction Temperature 120 oC TSTG Storage Temperature –55 to 125 oC Note: Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions, for an extended period of time, may affect reliability of this component. GS8672Q20/38BE-500/450/400 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01c 8/2017 11/28 © 2011, GSI Technology Recommended Operating Conditions Power Supplies Parameter Symbol Min. Typ. Max. Unit Supply Voltage VDD 1.7 1.8 1.9 V I/O Supply Voltage VDDQ 1.4 — 1.6 V Reference Voltage VREF VDDQ/2 – 0.05 — VDDQ/2 + 0.05 V Note: The power supplies need to be powered up simultaneously or in the following sequence: VDD, VDDQ, VREF, followed by signal inputs. The power down sequence must be the reverse. VDDQ must not exceed VDD. For more information, read AN1021 SigmaQuad and SigmaDDR Power-Up. Operating Temperature Parameter Symbol Min. Typ. Max. Unit Junction Temperature (Commercial Range Versions) TJ 0 25 85 C Junction Temperature (Industrial Range Versions)* TJ –40 25 100 C Note: * The part numbers of Industrial Temperature Range versions end with the character “I”. Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. |
Similar Part No. - GS8672Q38BGE-500I |
|
Similar Description - GS8672Q38BGE-500I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |