Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3MF Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # S3MF
Description  3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

S3MF Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  S3MF Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd S3MF Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
S3AF-S3MF
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
S3AF-S3MF
0
1.5
T , LEAD TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
0.5
1.0
2.0
2.5
25
50
75
100
125
150
3.0
Resistive or
Inductive Load
0.01
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (% )
Fig. 4 Typical Reverse Characteristics
T = 125°C
j
T = 25°C
j
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Forward Surge Current Derating Curve
Single Half-Sine-Wave
JEDEC Method
80
100
120
0.01
0.1
1.0
10
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
0
0.4
0.8
1.0
1.4
1.8


Similar Part No. - S3MF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3MF ETC2-S3MF Datasheet
538Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
SHIKUES Electronics
S3MF SKTECHNOLGY-S3MF Datasheet
409Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
Microdiode Electronics ...
S3MF CHENDA-S3MF Datasheet
639Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
AiT Semiconductor Inc.
S3MF AITSEMI-S3MF Datasheet
590Kb / 5P
   RECTIFIER DIODE 50~1000V REVERSE VOLTAGE 3A CURRENT
REV1.0
logo
DONGGUAN YOU FENG WEI E...
S3MF YFWDIODE-S3MF Datasheet
125Kb / 3P
   Surface MountGeneral Purpose Silicon Rectifiers
More results

Similar Description - S3MF

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
S3A DAYA-S3A Datasheet
54Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S3G-13-F DIODES-S3G-13-F Datasheet
133Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3GB-13-F DIODES-S3GB-13-F Datasheet
248Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3JB-13-F DIODES-S3JB-13-F Datasheet
133Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3KB-13 DIODES-S3KB-13 Datasheet
271Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
S3ABF ZSELEC-S3ABF Datasheet
88Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GF3A ZSELEC-GF3A Datasheet
72Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S3AB-13 DIODES-S3AB-13 Datasheet
248Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3A DIODES-S3A_10 Datasheet
135Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16005 Rev. 14 - 2
S3J-13-F DIODES-S3J-13-F Datasheet
271Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3KB-13-F DIODES-S3KB-13-F Datasheet
133Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com