Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB08T80L Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SB08T80L
Description  8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SB08T80L Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SB08T80L Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SB08T80L Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SB08T80L Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Case:TO-277B Molded Plastic "Green" Molding Compound
Excellent High Temperature Stability
Lead Free: For RoHS/Lead Free Version
High Thermal Reliability
Ultra Low Power Loss, High Efficiency
High Foward Surge Capability
High Junction Temperture
Bypass Diodes for Solar Panels
Features
!
!
!
!
Mechanical Data
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
!
Patented Super Barrier Rectifier Technology
!
!
!
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
Z ibo Seno Electronic Engineering Co., Ltd.
SB08T80L-SB08T200L
!
Schottky Barrier Chip
8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
1 of 3
www.senocn.com
SB08T80L-SB08T200L
08T120L
08T80L
SB
-55 to +150
-55 to +150
56
DC
At Rated DC Blocking Voltage T =100
Peak Reverse Curent
T =25
Junctionto Ambient
Typical Thermal Resistance
Average Rectified Output Current (Note1)
Unit
V
A
mA
℃ /W
storage temperature range
Note:1.Valid Provided that are kept at ambient temperature at a distance of 9.5mm from the case.
2.Fr-4pcb.2oz.Copper,minimum recommend pad layout .18.8mm×14.4.Anode pad dimensions 5.6mm×14.4mm.
Operating junction temperature range
0.3
15
VR(RMS)
Non-Repetitive Peak Forward Surge8.3ms
Single Half Sine-Wave Superimposed on rated
8.0
Parameter
Symbol
V RRM
80
DC blocking voltage
V
load(JEDEC Method)
Working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
VRWM
V
V
A
150
RMS Rectified Voltage
(Note2)
IO
IFSM
V FM
IR
RθJA
RθJL
TJ
TSTG
A
A
SB
SB
08T150L
SB
08T200L
SB
200
140
T =25
@IF=3A
A
T =25
@IF=8A
A
Typ
Max.
-
Forward Voltage Drop
T =25
@IF=1A
A
0.47
0.52
0.67
0.60
A
t
I 2 t Rating for Fusing (t < 8.3ms)
2
2s
I
93.4
08T100L
100
70
120
84
150
105
80
15
0.85
0.60
Typ
Max.
-
0.47
0.52
0.67
0.60
0.60
0.85
0.85


Similar Part No. - SB08T80L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SB08 ETC2-SB08 Datasheet
177Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
SB08 ASTRODYNE-SB08 Datasheet
177Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
logo
Arch Electronics Corp.
SB08 ARCH-SB08 Datasheet
120Kb / 3P
   Encapsulated DC-DC Converter
SB08-12-12D ARCH-SB08-12-12D Datasheet
120Kb / 3P
   Encapsulated DC-DC Converter
SB08-12-12D ARCH-SB08-12-12D Datasheet
149Kb / 3P
   Power Module for PCB Mountable
More results

Similar Description - SB08T80L

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SS82 ZSELEC-SS82 Datasheet
123Kb / 2P
   8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB820D WTE-SB820D_06 Datasheet
49Kb / 4P
   8.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MBR840DC ZSELEC-MBR840DC Datasheet
147Kb / 2P
   8.0A SCHOTTKY BARRIER DIODE
SR820 ZSELEC-SR820 Datasheet
200Kb / 2P
   8.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SD820CS WTE-SD820CS Datasheet
44Kb / 3P
   8.0A KPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820S WTE-SD820S Datasheet
43Kb / 3P
   8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820DC WTE-SB820DC Datasheet
49Kb / 4P
   8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SD820YS WTE-SD820YS Datasheet
44Kb / 3P
   8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820D WTE-SB820D Datasheet
44Kb / 3P
   8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB8150D WTE-SB8150D Datasheet
47Kb / 4P
   8.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com