Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3291EPD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3291EPD
Description  RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3291EPD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3291EPD Datasheet HTML 4Page - Maxim Integrated Products MAX3291EPD Datasheet HTML 5Page - Maxim Integrated Products MAX3291EPD Datasheet HTML 6Page - Maxim Integrated Products MAX3291EPD Datasheet HTML 7Page - Maxim Integrated Products MAX3291EPD Datasheet HTML 8Page - Maxim Integrated Products MAX3291EPD Datasheet HTML 9Page - Maxim Integrated Products MAX3291EPD Datasheet HTML 10Page - Maxim Integrated Products MAX3291EPD Datasheet HTML 11Page - Maxim Integrated Products MAX3291EPD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
RS-485/RS-422 Transceivers with Preemphasis
for High-Speed, Long-Distance Communication
8
_______________________________________________________________________________________
DI
DE
D
5V
Y
Z
CL1
CL2
RDIFF
VODP
RE
RO
DE = LOW
t > tSHDN
t < tSHDN
tRZH(SHDN)
Figure 3. Driver Timing Test Circuit
Figure 4. Shutdown Timing Diagram
DI
5V
0
ZN
YP
ZP
YN
ZN
ZP
YP
YN
0 DIFFERENTIAL
0 DIFFERENTIAL
1.5V
tDPLH
20%
80%
80%
tDPHL
1.5V
20%
tHL
tLH
VDIFF = VY - VZ
VDIFF
tSKEW = | tPLH - tPHL |
| YN - ZN | = VOD
| YP - ZP | = VODP
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
5V
0
Y, Z
Y, Z
0
1.5V
1.5V
VPH
VPL
VOL* + 0.5V
VOH* - 0.5V
2.3V
*NOTE: VOH AND VOL ARE THE OUTPUT LEVELS IN FIGURE 2 WITH
S2 AND S1 CLOSED, RESPECTIVELY.
2.3V
tDZL(SHDN), tDZL
tDLZ
tDZH(SHDN), tDZH
tDHZ
DE
Figure 5. Driver Propagation Delays
Figure 6. Driver Enable and Disable Times
RO
VOH
VOL
A +1V
B -1V
0 DIFFERENTIAL
1.5V
tRPHL
tRPLH
1.5V
tRSKEW = | tRPLH - tRPHL |
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0
VCC
RO
RO
0
1.5V
1.5V
VOL + 0.5V
VOH - 0.5V
1.5V
1.5V
tRZL(SHDN), tRZL
tRLZ
tRZH(SHDN), tRZH
tRHZ
RE
Figure 7. Receiver Propagation Delays
Figure 8. Receiver Enable and Disable Times


Similar Part No. - MAX3291EPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3291EPD MAXIM-MAX3291EPD Datasheet
285Kb / 16P
   RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
More results

Similar Description - MAX3291EPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3291 MAXIM-MAX3291 Datasheet
285Kb / 16P
   RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX22501E MAXIM-MAX22501E Datasheet
1Mb / 19P
   100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
Rev 0; 6/17
MAX22500E MAXIM-MAX22500E Datasheet
1Mb / 19P
   100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
Rev 0; 6/17
MAX22501E MAXIM-MAX22501E_V01 Datasheet
1Mb / 24P
   100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
2021
logo
Analog Devices
MAX22500E AD-MAX22500E Datasheet
1Mb / 23P
   100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
Rev 3; 12/21
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com