Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR245L Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SR245L
Description  2.0A LOW VF SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SR245L Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SR245L Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SR245L Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
40

20
30
50
60
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 100 C
j
°
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100 C
j
°
T = 75 C
j
°
T = 25 C
j
°
100
10
1.0
0.1
0.01
1k
0
0.5
1.0
25
50
75
100
125
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°
1.5
2.0
2.5
3.0
2 of 2
SR230L – SR2200L
SR230L – SR2200L
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
5.0
10
INSTANTANEOUS FORWARD VOLTAGE, (V)
1.0
0.1
0.1
0.2
0.5
0.3
0.6
0.9
0.4
0.7
0.8
1.0
SR280L- 2100L
TA = 25℃
2200L
2150L
SB
-
SR230L-250L
SR260L
Fig. 2
10
20
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
40
60
80
100
T=25 C
J
O
T=75 C
J
O
T =125 C
J
O


Similar Part No. - SR245L

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR245SL-DO-15 JINANJINGHENG-SR245SL-DO-15 Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR245L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS817 SANYO-SBS817 Datasheet
58Kb / 4P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
   Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Diodes Incorporated
DFLS240L DIODES-DFLS240L_09 Datasheet
95Kb / 4P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240LQ DIODES-DFLS240LQ Datasheet
370Kb / 5P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240L DIODES-DFLS240L Datasheet
88Kb / 3P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30516 Rev. 4 - 2
DFLS240LQ DIODES-DFLS240LQ_15 Datasheet
212Kb / 5P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
logo
ON Semiconductor
SS2003M-TL-E ONSEMI-SS2003M-TL-E Datasheet
188Kb / 5P
   Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
SS2003M-TL-W ONSEMI-SS2003M-TL-W Datasheet
188Kb / 5P
   Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
logo
Diodes Incorporated
DFLS240L DIODES-DFLS240L_15 Datasheet
95Kb / 4P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER PowerDI짰123
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com