Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2045CT Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # C2045CT
Description  20A Trench Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

C2045CT Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  C2045CT Datasheet HTML 1Page - Chip Integration Technology Corporation C2045CT Datasheet HTML 2Page - Chip Integration Technology Corporation C2045CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
C2045CT
20A Trench Schottky Rectifier
Document ID : DS-11KEA
Revised Date : 2017/07/4
Revision : C5
Chip Integration Technology Corporation
0.01
0.1
1
10
0
100
200
300
400
500
600
Instantaneous Forward Voltage, VF (mV)
Fig. 1 - Forward Characteristics
TA = 75oC
TA = 100oC
TA = 125oC
TA = 50oC
TA = 25oC
Per diode
0.01
0.1
1
10
100
0
10
20
30
40
50
Reverse Voltage, VR (V)
Fig. 2 - Reverse Characteristics
TA = 25oC
TA = 100oC
TA = 125oC
TA = 50oC
TA = 75oC
Per diode
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
2
4
6
8
10
12
Average Forward Current, IF (A)
Fig. 3 - Forward Power Dissipation
Per diode
0
2
4
6
8
10
12
0
25
50
75
100
125
150
Case Temperature, TC (oC)
Fig. 4 - Forward Current Derating Curve
Per diode
Per diode
1
10
100
1000
10000
0
5
10
15
20
25
Reverse Voltage, VR (V)
Fig. 5 - Junction Capacitance
Per diode


Similar Part No. - C2045CT

ManufacturerPart #DatasheetDescription
logo
Powerbox
C204 POWERBOX-C204 Datasheet
268Kb / 1P
   50 WATTS (AC) DC/DC SINGLEI OUTPUT
logo
General Cable Technolog...
C2040A GENERAL-C2040A Datasheet
58Kb / 1P
   HOOK UP WIRE
logo
List of Unclassifed Man...
C2042 ETC-C2042 Datasheet
35Kb / 1P
   Analog Devices AD20MSP930 CPE Line Transformer Meet requirements of IEC60950 for supplementary insulation, 250V working voltage
logo
Pulse A Technitrol Comp...
C2042 PULSE-C2042 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
logo
Ulti-Mate Connector Inc
C204F0102 ULTI-MATE-C204F0102 Datasheet
64Kb / 1P
   CIRCUIT CONNECTOR, RECEPTACLE, SIZE 51-3, STYLE 18 BACKSHELL, C204F0102
03/17/05
More results

Similar Description - C2045CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
   20A Trench Schottky Rectifier
CF20L45CT CITC-CF20L45CT Datasheet
468Kb / 3P
   20A Trench Schottky Rectifier
C20L60CT CITC-C20L60CT Datasheet
483Kb / 3P
   20A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT20120CT DIODES-SDT20120CT Datasheet
756Kb / 7P
   20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20B100CT DIODES-SDT20B100CT Datasheet
732Kb / 7P
   20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20A120CT DIODES-SDT20A120CT Datasheet
703Kb / 6P
   20A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 5 - 2
logo
Chip Integration Techno...
CF20100CT CITC-CF20100CT Datasheet
469Kb / 3P
   20A Trench Schottky Rectifier
CP20L120SG CITC-CP20L120SG Datasheet
116Kb / 3P
   20A Trench Schottky Rectifier
CF20L100CT CITC-CF20L100CT Datasheet
477Kb / 3P
   20A Trench Schottky Rectifier
CF20S100CT CITC-CF20S100CT Datasheet
507Kb / 3P
   20A Trench Schottky Rectifier
CTP20L60SG CITC-CTP20L60SG Datasheet
521Kb / 4P
   20A Trench Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com