Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1747 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1747
Description  Integrated Circuit TV Video Processing Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1747 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1747 Datasheet HTML 1Page - NTE Electronics NTE1747 Datasheet HTML 2Page - NTE Electronics NTE1747 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1747
Integrated Circuit
TV Video Processing Circuit
Description:
The NTE1747 is an integrated circuit in a 28–Lead DIP type package designed for color TV video and
chrominance signal processing circuit.
Features:
D Including Video and Chrominance Signal Processing Circuit on a Single Chip, for Compact Set
Design
D Including Circuit For Compensating Skin Color
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
+14.4V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Voltage, V2,3,10,11–12,19,20,28–9
0V to +14.4V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Current, I25,26,27,28,29
–40mA to 0mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
1200mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Total Circuit Current
Itot
VCC = 12V
40
54
67
mA
Demodulation Color Difference
Output Voltage
eo(max)
Rainbow 150mVP–P, Contrast Max.,
Color Max.
4.6
5.3
6.0
Vp–p
Demodulation Color Difference
Output Voltage
eo(typ)
Rainbow 150mVP–P, Contrast Max.,
Color Typ.
1.35
1.75
2.15
Vp–p
ACC Characteristics
ACC
Rainbow 15mVP–P, ACC–eo Typ
0.65
0.88
1.05
times
Oscillation Frequency
fosc
Difference between Pin8 input invalid
signal & standard sample
±150
Hz
fosc Change with Supply Voltage
Dfosc/VCC VCC = 12V ±20%, for VCC = 12V
120
Hz
fosc Change with Ambient
Temperature
Dfosc/TA TA = –20° to +70°C, for TA = +25°C
0
1.5
2.5
Hz/deg.
Control Sensitivity
b
Change to Pin18
Df when V1 (8.6V) and
V2 (8.2V) are applied to Pin15.
1.9
2.5
3.2
Hz.mV


Similar Part No. - NTE1747

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1740 NTE-NTE1740 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE1743 NTE-NTE1743 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE1744 NTE-NTE1744 Datasheet
22Kb / 3P
   Integrated Circuit Dual dbxII Noise Reduction System
NTE1745 NTE-NTE1745 Datasheet
19Kb / 2P
   Integrated Circuit High Speed Divider 1/20, 1/100 for VCR
NTE1748 NTE-NTE1748 Datasheet
59Kb / 3P
   Integrated Circuit DC Motor Driver
More results

Similar Description - NTE1747

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
NTE738 NTE-NTE738 Datasheet
23Kb / 2P
   Integrated Circuit Color TV Processing Circuit
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
NTE856 NTE-NTE856 Datasheet
22Kb / 3P
   Integrated Circuit TV Video Modulation Circuit
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
NTE7049 NTE-NTE7049 Datasheet
30Kb / 3P
   Integrated Circuit CMOS-Sync Generator for TV & Video Processing Systems
logo
Panasonic Semiconductor
AN616 PANASONIC-AN616 Datasheet
176Kb / 4P
   Video Signal Processing Circuit for TV Cameras
logo
NTE Electronics
NTE1080 NTE-NTE1080 Datasheet
19Kb / 2P
   Integrated Circuit TV Video Processor
NTE1845 NTE-NTE1845 Datasheet
25Kb / 3P
   Integrated Circuit TV Video Processor
NTE846 NTE-NTE846 Datasheet
22Kb / 3P
   Integrated Circuit TV Video Modulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com