Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C2404A Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C2404A
Description  Zero-Delay Clock Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2404A Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C2404A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2404A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2404A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2404A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2404A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2404A Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS8609A
01/13/05
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2404A
Zero-Delay Clock Buffer
Notes:
1. CLKIN and FB_IN inputs have a threshhold voltage of VDD/2.
s
r
e
t
e
m
a
r
a
Pe
m
a
Ns
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
M
s
t
i
n
U
FO
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
d
a
o
l
F
p
0
3
0
1
0
0
1
z
H
M
d
a
o
l
F
p
5
13
3
1
t C
D
e
l
c
y
C
y
t
u
D
)
1
(
V
t
a
d
e
r
u
s
a
e
M
D
D
F
,
2
/
T
U
O
d
a
o
l
F
p
0
3
z
H
M
7
6
.
6
6
<0
4
0
5
0
6
%
V
t
a
d
e
r
u
s
a
e
M
D
D
F
,
2
/
T
U
O
d
a
o
l
F
p
5
1
z
H
M
0
5
<5
45
5
tR
e
m
i
T
e
s
i
R
)
1
(
d
a
o
l
F
p
0
3
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M2
.
2
s
n
d
a
o
l
F
p
5
1
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M5
.
1
tF
e
m
i
T
l
l
a
F
)
1
(
d
a
o
l
F
p
0
3
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M2
.
2
d
a
o
l
F
p
5
1
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M5
.
1
t
)
O
(
K
S
w
e
k
S
t
u
p
t
u
O
o
t
t
u
p
t
u
O
k
n
a
b
e
m
a
s
n
i
h
t
i
w
)
1
(
d
e
d
a
o
l
y
l
l
a
u
q
e
s
t
u
p
t
u
o
l
l
A
0
0
2
s
p
w
e
k
S
B
T
U
O
o
t
A
T
U
O
)
1
(
t0
e
g
d
E
g
n
i
s
i
R
N
I
K
L
C
,
y
a
l
e
D
e
g
d
E
g
n
i
s
i
R
N
I
_
B
F
o
t
)
1
(
V
t
a
d
e
r
u
s
a
e
M
D
D 2
/
5
7
2
t
)
D
(
K
S
w
e
k
S
e
c
i
v
e
D
-
o
t
-
e
c
i
v
e
D
)
1
(
V
t
a
d
e
r
u
s
a
e
M
D
D
s
e
c
i
v
e
d
f
o
s
n
i
p
N
I
_
B
F
n
o
2
/0
0
0
5
t T
I
J
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
)
1
(
d
a
o
l
F
p
0
3
d
e
d
a
o
l
,
z
H
M
7
6
.
6
6
t
a
d
e
r
u
s
a
e
M0
0
2
s
p
d
a
o
l
F
p
5
1
d
e
d
a
o
l
,
z
H
M
3
3
1
t
a
d
e
r
u
s
a
e
M0
5
1
t
K
C
O
L
e
m
i
T
k
c
o
L
L
L
P
)
1
(
s
k
c
o
l
c
d
i
l
a
v
,
y
l
p
p
u
s
r
e
w
o
p
e
l
b
a
t
S
s
n
i
p
N
I
_
B
F
d
n
a
N
I
K
L
C
n
o
d
e
t
n
e
s
e
r
p
0
.
1s
m
AC Electrical Characteristics for Industrial Temperature Devices
DC Electrical Characteristics for Industrial Temperature Devices
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
x
a
Ms
t
i
n
U
V L
I
e
g
a
t
l
o
V
W
O
L
t
u
p
n
I
8
.
0
V
V H
I
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
I
0
.
2
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
IV N
I
=V
00
5
µA
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
IV N
I
=V D
D
2
1
1
V L
O
e
g
a
t
l
o
V
W
O
L
t
u
p
t
u
OI L
O
A
m
8
=4
.
0
V
V H
O
e
g
a
t
l
o
V
H
G
I
H
t
u
p
t
u
OI H
O
A
m
8
=4
.
2
I D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
V
t
a
s
t
u
p
n
i
t
c
e
l
e
S
,
z
H
M
0
0
1
s
t
u
p
t
u
o
d
e
d
a
o
l
n
U
D
D
D
N
G
r
o4
5
A
m
N
I
K
L
C
,
z
H
M
6
6
s
t
u
p
t
u
o
d
e
d
a
o
l
n
U9
3
N
I
K
L
C
,
z
H
M
3
3
s
t
u
p
t
u
o
d
e
d
a
o
l
n
U2
2


Similar Part No. - PI6C2404A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2404A-1W PERICOM-PI6C2404A-1W Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2404A-1WE PERICOM-PI6C2404A-1WE Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2404A-1WI PERICOM-PI6C2404A-1WI Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2404A-1WIE PERICOM-PI6C2404A-1WIE Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
More results

Similar Description - PI6C2404A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
   Zero-Delay Clock Buffer
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com