Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM63364S-VC Datasheet(PDF) 4 Page - Rohm

Part # BM63364S-VC
Description  600V IGBT Intelligent Power Module (IPM)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM63364S-VC Datasheet(HTML) 4 Page - Rohm

  BM63364S-VC Datasheet HTML 1Page - Rohm BM63364S-VC Datasheet HTML 2Page - Rohm BM63364S-VC Datasheet HTML 3Page - Rohm BM63364S-VC Datasheet HTML 4Page - Rohm BM63364S-VC Datasheet HTML 5Page - Rohm BM63364S-VC Datasheet HTML 6Page - Rohm BM63364S-VC Datasheet HTML 7Page - Rohm BM63364S-VC Datasheet HTML 8Page - Rohm BM63364S-VC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4/20
BM63364S-VA
BM63364S-VC
TSZ02201-0747AB500060-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
20.Jun.2017 Rev.006
www.rohm.com
TSZ22111・15・001
Absolute Maximum Ratings (Unless otherwise specified, Tj=25°C)
Inverter Part
Item
Symbol
Ratings
Unit
Conditions
Supply Voltage
VP
450
V
Applied between P-NU,NV,NW
Supply Voltage(Surge)
VP(surge)
500
V
Applied between P-NU,NV,NW
Collector-Emitter Voltage
VCES
600
V
Collector Current
DC
IC
±15 (Note 1)
A
TC=25°C
PEAK
ICP
±45 (Note 1)
A
TC=25°C, less than 1ms
Collector Power Dissipation
PC
41
W
TC=25°C, per 1 chip
Junction Temperature
Tjmax
150
°C
(Note 1) Do not, however exceed PC, ASO.
Control part
Item
Symbol
Ratings
Unit
Conditions
Control Power Supply
VCC
20
V
Applied between HVCC-GND, LVCC-GND
Floating Control Power Supply
VBS
20
V
Applied between VBU-U, VBV-V, VBW-W
Control Input Voltage
VIN
-0.5 to VCC +0.5
V
Applied between HINX, LINX-GND
(X=U,V,W)
Fault Output Supply Voltage
VFO
-0.5 to VCC +0.5
V
Applied between FO-GND
Fault Output Current
IFO
1
mA
Sink current at FO pin
Current Sensing Input Voltage
VCIN
-0.5 to +7.0
V
Applied between CIN-GND
Bootstrap diode part
Item
Symbol
Ratings
Unit
Conditions
Reverse Voltage
VRB
600
V
Junction Temperature
TjmaxD
150
°C
Total system
Item
Symbol
Ratings
Unit
Conditions
Self Protection Supply Voltage
(SCP Capability)
VP(PROT)
400
V
VCC=13.5 to 16.5V, Inverter part
Tj=125°C, non-repetitive, less than 2µs
Module Case Temperature
TC
-25 to +100
°C
Measurement point of TC is provided
in Figure 2
Storage Temperature
Tstg
-40 to +125
°C
Isolation Voltage
Viso
1500
Vrms
Sinusoidal, 60Hz, AC 1minute,
between connected all pins and heat sink
plate
Thermal resistance
Item
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Junction to Case Thermal
Resistance (Note 2)
Rth(j-c)_IGBT
-
-
3.0
°C /W
Inverter IGBT(1/6 module)
Rth(j-c)_FWD
-
-
3.9
°C /W
Inverter FWD(1/6 module)
(Note 2) Grease with good conductivity and high reliability should be applied evenly with +100 to +200µm on the contacting surface of IPM and heat sink. Use
a torque wrench to fasten up to the specified torque rating. The contacting thermal resistance between IPM case and heat sink is determined by the
thickness and the thermal conductivity of the applied grease.
Caution: Operating the IPM over the absolute maximum ratings may damage the IPM. The damage can either be a short circuit between pins or an open
circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IPM is
operated over the absolute maximum ratings.


Similar Part No. - BM63364S-VC

ManufacturerPart #DatasheetDescription
logo
Rohm
BM63364S-VC ROHM-BM63364S-VC Datasheet
721Kb / 23P
   600V IGBT Intelligent Power Module
BM63364S-VC ROHM-BM63364S-VC Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM) for low speed switching drive
More results

Similar Description - BM63364S-VC

ManufacturerPart #DatasheetDescription
logo
Rohm
BM63763S-VA ROHM-BM63763S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63375S-VA ROHM-BM63375S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63374S-VA ROHM-BM63374S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63573S-VA ROHM-BM63573S-VA Datasheet
1Mb / 23P
   600V IGBT Intelligent Power Module (IPM)
BM63767S-VA ROHM-BM63767S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM64364S-VA ROHM-BM64364S-VA Datasheet
916Kb / 21P
   600V IGBT Intelligent Power Module (IPM)
24.Jun.2016 Rev.003
BM63363S-VA ROHM-BM63363S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63377S-VA ROHM-BM63377S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63764S-VA ROHM-BM63764S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63373S-VA ROHM-BM63373S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com