Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR004D100 Datasheet(PDF) 2 Page - Rohm

Part # MCR004D100
Description  Thick film chip resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR004D100 Datasheet(HTML) 2 Page - Rohm

  MCR004D100 Datasheet HTML 1Page - Rohm MCR004D100 Datasheet HTML 2Page - Rohm MCR004D100 Datasheet HTML 3Page - Rohm MCR004D100 Datasheet HTML 4Page - Rohm MCR004D100 Datasheet HTML 5Page - Rohm MCR004D100 Datasheet HTML 6Page - Rohm MCR004D100 Datasheet HTML 7Page - Rohm MCR004D100 Datasheet HTML 8Page - Rohm MCR004D100 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MCR series
Datasheet
Products list
Part No.
Type code
Rated power
(70)
Limiting element
voltage
Temperature
coefficient
Resistance
tolerance
Resistance range
Operating
temperature range
(W)
(V)
(ppm/ )
(%)
(Ω)
()
MCR004
QLP
0.031
15
±300
F ( ±1% )
10≦R<100
(E24/96 series)
-55 +125
±250
F ( ±1% )
100≦R≦3M
(E24/96 series)
+600/-100
J ( ±5% )
1.0≦R<10
(E24 series)
±300
J ( ±5% )
10≦R<100
(E24 series)
±250
J ( ±5% )
100≦R≦3M
(E24 series)
Jumper type ) Rmax 50mΩMax., Imax 0.5A
MCR006
YLP
0.05
25
±200
D ( ±0.5% )
10≦R<1k
(E24/96 series)
-55 +125
±100
D ( ±0.5% )
1k≦R≦1M
(E24/96 series)
±250
F ( ±1% )
10≦R≦10M
(E24/96 series)
Jumper type ) Rmax 50mΩMax., Imax 2A
MCR01
MZP
0.063
50
±100
D ( ±0.5% )
10R100
(E24 series)
-55 +155
±50
D ( ±0.5% )
100R1M
(E24 series)
±100
F ( ±1% )
10R2.2M
(E24/96 series)
+500/-250
J ( ±5% )
1.0R10
(E24 series)
±200
J ( ±5% )
10R10M
(E24 series)
Jumper type ) Rmax 50mΩMax., Imax 1A
MCR03
EZP
0.10
50
±100
D ( ±0.5% )
10R<100
(E24/96 series)
-55 +155
±50
D ( ±0.5% )
100R1M
(E24/96 series)
±100
FX( ±1% )
10R10M
(E24/96 series)
±400
J ( ±5% )
1R<10
(E24 series)
±200
J ( ±5% )
10R10M
(E24 series)
Jumper type ) Rmax 50mΩMax., Imax 1A
MCR10
EZP
0.100
150
±100
D ( ±0.5% )
10R<100
(E24/96 series)
-55 +155
±50
D ( ±0.5% )
100R1M
(E24/96 series)
0.125
150
±100
F ( ±1% )
10R2.2M
(E24/96 series)
-55 +155
±400
J ( ±5% )
1.0R<10
(E24 series)
±200
J ( ±5% )
10R10M
(E24 series)
Jumper type ) Rmax 50mΩMax., Imax 2A
MCR18
EZP
0.125
200
±100
D ( ±0.5% )
10R<100
(E24/96 series)
-55 +155
±50
D ( ±0.5% )
100R1M
(E24/96 series)
0.25
200
±100
F ( ±1% )
10R2.2M
(E24/96 series)
-55 +155
±400
J ( ±5% )
1.0R<10
(E24 series)
±200
J ( ±5% )
10R10M
(E24 series)
Jumper type ) Rmax 50mΩMax., Imax 2A
MCR25
JZH
0.5 to 0.5 *1
200
±100
F ( ±1% )
10R1M
(E24/96 series)
-55 +155
500±350
J ( ±5% )
1.0R<2.2
(E24 series)
±500
J ( ±5% )
2.2R<5.6
(E24 series)
±200
J ( ±5% )
5.6R3.3M (E24 series)
Jumper type ) Rmax 50mΩMax., Imax 2A
MCR50
JZH
0.5
200
±100
F ( ±1% )
10 R 180k (E24/96 series)
-55 +155
500±350
J ( ±5% )
1.0 R < 2.2 (E24 series)
±500
J ( ±5% )
2.2 R < 10
(E24 series)
±200
J ( ±5% )
10 R 330k (E24 series)
±350
J ( ±5% )
330k < R 560k (E24 series)
Jumper type ) Rmax 50mΩMax., Imax 3A
MCR100
JZH
1
200
±100
F ( ±1% )
10R82k
(E24/96 series)
-55 +125
500±350
J ( ±5% )
1.0R<2.2
(E24 series)
±500
J ( ±5% )
2.2R<10
(E24 series)
±350
J ( ±5% )
10R<24
(E24 series)
±200
J ( ±5% )
24R100k
(E24 series)
Jumper type ) Rmax 50mΩMax., Imax 4A
* Design and specif ications are subject to change without notice.Caref ully check the specif ication sheet supplied
with the product bef ore using or ordering it.
* Rated voltage is determained f rom the f ollowing.
When rated voltage exceeds the limiting element voltage, the limitng element voltage shall be the rated voltage.
*
Rated voltage =
* E24 : Standard products,
E96 : Custom products
*1. Rated power 9.76Ω 0.25W, 10Ω9.76kΩ 0.5W, 10kΩ3.3MΩ 0.33W
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
2/6
2017.01 - Rev.M


Similar Part No. - MCR004D100

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR004 ROHM-MCR004 Datasheet
157Kb / 5P
   Compact Film Chip Resistors
MCR004 ROHM-MCR004 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR004 ROHM-MCR004 Datasheet
154Kb / 5P
   Compact Film Chip Resistors
MCR004 ROHM-MCR004 Datasheet
226Kb / 12P
   Thick Film Chip Resistors
MCR004 ROHM-MCR004 Datasheet
143Kb / 7P
   Thick Film Chip Resistors Automotive product is AEC-Q200 compliant.
More results

Similar Description - MCR004D100

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com