Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMR Datasheet(PDF) 1 Page - Rohm

Part # PMR
Description  Ultra-low ohmic jumper chip resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PMR Datasheet(HTML) 1 Page - Rohm

  PMR Datasheet HTML 1Page - Rohm PMR Datasheet HTML 2Page - Rohm PMR Datasheet HTML 3Page - Rohm PMR Datasheet HTML 4Page - Rohm PMR Datasheet HTML 5Page - Rohm PMR Datasheet HTML 6Page - Rohm PMR Datasheet HTML 7Page - Rohm PMR Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ultra-low ohmic jumper chip resistors
PMR series - jumper type -
Datasheet
Features
1) Metallic resistive element utilized for extremely low conduction resistance.
(0.5mΩMax.)
2) High current capability.
3) Superior strength against overcurrent and pulse loads.
4) Completely Pb free product.
5) Corresponds to AEC-Q200. But PMR01 is preparing.
6) ROHMresistors have obtained ISO9001 / ISO / TS16949 certification.
Products list
Part No.
Size
Rated current
Resistance
Temperature
range
(mm)
(inch)
(A)
()
PMR01
1005
0402
20.0
0.5mΩ MAX
-55 +155
PMR03
1608
0603
22.4
0.5mΩ MAX
-55 +155
PMR10
2012
0805
31.6
0.5mΩ MAX
-55 +155
PMR18
3216
1206
38.7
0.5mΩ MAX
-55 +155
PMR25
3225
1210
44.7
0.5mΩ MAX
-55 +155
PMR50
5025
2010
50.0
0.5mΩ MAX
-55 +155
PMR100
6432
2512
63.2
0.5mΩ MAX
-55 +155
*Design and specifications are subject to change without notice.
Carefully check the specification sheet supplied with the product before using or ordering it.
Part number description
P M R
2 5
H Z P
J
0 0 0
Part No.
Size (mm [inch])
Packaging specifications code
Resistance
tolerance
Nominal resistance
PMR
(Ultra-low
ohmic jumper
chip resistors)
01
(1005 [0402])
Part No.
Code
Packaging
specifications
Quantity
/ Reel
Resistance code,3digits.
03
(1608 [0603])
J (Max. 0.5mΩ)
10
(2012 [0805])
PMR01
ZZP
Embossed tape
(2mm pitch)
10,000
18
(3216 [1206])
25
(3225 [1210])
PMR03
EZP
Paper tape
(4mm pitch)
5000
50
(5025 [2010])
100
(6432 [2512])
PMR10
EZP
Paper tape
(4mm pitch)
5,000
PMR18
EZP
Paper tape
(4mm pitch)
5,000
PMR25
HZP
Embossed tape
(4mm pitch)
2,000
PMR50
HZP
Embossed tape
(4mm pitch)
2,000
PMR100
HZP
Embossed tape
(4mm pitch)
2,000
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
1/4
2017.05 - Rev.G


Similar Part No. - PMR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PMR VISHAY-PMR Datasheet
128Kb / 7P
   Analog Displacement Sensors for Transportation Applications
Revision: 09-Sep-15
logo
Bud Industries, Inc.
PMR-14315 BUD-PMR-14315 Datasheet
77Kb / 1P
   PANEL MOUNTING RAIL
PMR-2002 BUD-PMR-2002 Datasheet
77Kb / 1P
   PANEL MOUNTING RAIL
PMR-2331 BUD-PMR-2331 Datasheet
77Kb / 1P
   PANEL MOUNTING RAIL
logo
Delta Electronics, Inc.
PMR-4V320WCXA DELTA-PMR-4V320WCXA Datasheet
942Kb / 13P
   PMR Panel Mount Power Supply
More results

Similar Description - PMR

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
WW12M WALSIN-WW12M Datasheet
185Kb / 7P
   Ultra low ohmic power chip resistors
logo
YAGEO Corporation
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
877049 YAGEO-877049 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0402FR-070R1L YAGEO-RL0402FR-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
Rohm
PMR18 ROHM-PMR18 Datasheet
198Kb / 1P
   Ultra-low Ohmic Chip Resistors for Current Detection
PMR10EZPFU ROHM-PMR10EZPFU Datasheet
431Kb / 5P
   Ultra-low Ohmic Chip Resistors for Current Detection
PML ROHM-PML Datasheet
969Kb / 8P
   Ultra-low ohmic chip resistors for current detection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com