Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8672Q18BGE-200I Datasheet(PDF) 8 Page - GSI Technology

Part # GS8672Q18BGE-200I
Description  72Mb SigmaQuad-II??Burst of 2 ECCRAM?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8672Q18BGE-200I Datasheet(HTML) 8 Page - GSI Technology

Back Button GS8672Q18BGE-200I Datasheet HTML 4Page - GSI Technology GS8672Q18BGE-200I Datasheet HTML 5Page - GSI Technology GS8672Q18BGE-200I Datasheet HTML 6Page - GSI Technology GS8672Q18BGE-200I Datasheet HTML 7Page - GSI Technology GS8672Q18BGE-200I Datasheet HTML 8Page - GSI Technology GS8672Q18BGE-200I Datasheet HTML 9Page - GSI Technology GS8672Q18BGE-200I Datasheet HTML 10Page - GSI Technology GS8672Q18BGE-200I Datasheet HTML 11Page - GSI Technology GS8672Q18BGE-200I Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
GS8672Q18/36BE-400/333/300/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02a 8/2017
8/28
© 2011, GSI Technology
FLXDrive-II Output Driver Impedance Control
HSTL I/O SigmaQuad-II ECCRAMs are supplied with programmable impedance output drivers. The ZQ pin must be connected to
VSS via an external resistor, RQ, to allow the ECCRAM to monitor and adjust its output driver impedance. The value of RQ must
be 5X the value of the desired RAM output impedance. The allowable range of RQ to guarantee impedance matching continuously
is between 175
 and 275. Periodic readjustment of the output driver impedance is necessary as the impedance is affected by
drifts in supply voltage and temperature. The ECCRAM’s output impedance circuitry compensates for drifts in supply voltage and
temperature. A clock cycle counter periodically triggers an impedance evaluation, resets and counts again. Each impedance
evaluation may move the output driver impedance level one step at a time towards the optimum level. The output driver is
implemented with discrete binary weighted impedance steps.
Separate I/O SigmaQuad-II ECCRAM Read Truth Table
A
R
Output Next State
Q
Q
K
(tn)
K
(tn)
K
(tn)
K
(tn+1½)
K
(tn+2)
X
1
Deselect
Hi-Z
Hi-Z
V
0
Read
Q0
Q1
Notes:
1. X = Don’t Care, 1 = High, 0 = Low, V = Valid.
2. R is evaluated on the rising edge of K.
3. Q0 and Q1 are the first and second data output transfers in a read.
Separate I/O SigmaQuad-II ECCRAM Write Truth Table
A
W
BWn
BWn
Input Next State
D
D
K
(tn + ½)
K
(tn)
K
(tn)
K
(tn + ½)
K
K 
(tn), (tn + ½)
K
(tn)
K
(tn + ½)
V
0
0
0
Write Byte Dx0, Write Byte Dx1
D0
D1
V
0
0
1
Write Byte Dx0, Write Abort Byte Dx1
D0
X
V
0
1
0
Write Abort Byte Dx0, Write Byte Dx1
X
D1
X
0
1
1
Write Abort Byte Dx0, Write Abort Byte Dx1
X
X
X
1
X
X
Deselect
X
X
Notes:
1. X = Don’t Care, H = High, L = Low, V = Valid.
2. W is evaluated on the rising edge of K.
3. D0 and D1 are the first and second data input transfers in a write.
4. BWn represents any of the Byte Write Enable inputs (BW0, BW1, etc.).


Similar Part No. - GS8672Q18BGE-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8672Q18BGE-300 GSI-GS8672Q18BGE-300 Datasheet
473Kb / 28P
   72Mb SigmaQuad-II Burst of 2 ECCRAM
More results

Similar Description - GS8672Q18BGE-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8672Q36BGE-300 GSI-GS8672Q36BGE-300 Datasheet
473Kb / 28P
   72Mb SigmaQuad-II??Burst of 2 ECCRAM?
GS8672Q18BGE-300 GSI-GS8672Q18BGE-300 Datasheet
473Kb / 28P
   72Mb SigmaQuad-II Burst of 2 ECCRAM
GS8672D36BE-200 GSI-GS8672D36BE-200 Datasheet
481Kb / 29P
   72Mb SigmaQuad-II Burst of 4 ECCRAM
GS8673EQ18BK-550 GSI-GS8673EQ18BK-550 Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS8673EQ18BK-500 GSI-GS8673EQ18BK-500 Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS8673EQ18BGK-550I GSI-GS8673EQ18BGK-550I Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS8673ED36BK-625 GSI-GS8673ED36BK-625 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-725S GSI-GS8673ED18BGK-725S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BK-725IS GSI-GS8673ED36BK-725IS Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED18 GSI-GS8673ED18 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com