Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-DN Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-DN
Description  LOWSIDE SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DN Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-DN Datasheet HTML 1Page - IC-Haus GmbH IC-DN Datasheet HTML 2Page - IC-Haus GmbH IC-DN Datasheet HTML 3Page - IC-Haus GmbH IC-DN Datasheet HTML 4Page - IC-Haus GmbH IC-DN Datasheet HTML 5Page - IC-Haus GmbH IC-DN Datasheet HTML 6Page - IC-Haus GmbH IC-DN Datasheet HTML 7Page - IC-Haus GmbH IC-DN Datasheet HTML 8Page - IC-Haus GmbH IC-DN Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
iC-DN
LOWSIDE SWITCH
Rev C1, Page 1/10
FEATURES
36 V lowside switch/level shifter
Decoupling of input and output reference voltages permits
control by 5 V logic
200 mA of output current
Short-circuit protected
Output with an active freewheeling circuit
On-chip over-temperature protection with hysteresis
4 to 36 V input voltage range
Input with hysteresis
Wide temperature range of -40 to 120 °C
APPLICATIONS
Lowside switch for industrial
applications, such as relays,
inductive proximity sensors and
light barriers
PACKAGES
SOT23-6L
UDFN6-1.8x2
BLOCK DIAGRAM
200 mA
NI
PI
VN
DN
3.5 V
LOW-SIDE
SWITCH
temperature
monitor
INPUT INTERFACE
T < 120°C
j
iC-DN
&
3-pin configuration
Copyright © 2005, 2016 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-DN

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DN ICHAUS-IC-DN Datasheet
201Kb / 7P
   LOWSIDE SWITCH
IC-DNSOT23-6L ICHAUS-IC-DNSOT23-6L Datasheet
201Kb / 7P
   LOWSIDE SWITCH
More results

Similar Description - IC-DN

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DN ICHAUS-IC-DN Datasheet
201Kb / 7P
   LOWSIDE SWITCH
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
logo
Siemens Semiconductor G...
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
   Smart Lowside Power Switch
2004-02-02
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
   Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com