Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-DP Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-DP
Description  HIGHSIDE SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DP Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-DP Datasheet HTML 2Page - IC-Haus GmbH IC-DP Datasheet HTML 3Page - IC-Haus GmbH IC-DP Datasheet HTML 4Page - IC-Haus GmbH IC-DP Datasheet HTML 5Page - IC-Haus GmbH IC-DP Datasheet HTML 6Page - IC-Haus GmbH IC-DP Datasheet HTML 7Page - IC-Haus GmbH IC-DP Datasheet HTML 8Page - IC-Haus GmbH IC-DP Datasheet HTML 9Page - IC-Haus GmbH IC-DP Datasheet HTML 10Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
iC-DP
HIGHSIDE SWITCH
Rev D1, Page 6/10
ELECTRICAL CHARACTERISTICS
Operating Conditions: V(PI) = 0...36 V, Tj = -40...120 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001 V()
VP, PI Supply Voltage
V() = V(VP) – V(NI) bzw. V() = V(PI) – V(NI)
4
36
V
002 I(PI)
PI Supply Current
No load;
V(PI) – V(NI) > V(PI)on
0
1000
µA
V(PI) – V(NI) < V(PI)off
0
250
µA
003 I(VP)
VP Supply Current
No load;
V(PI) – V(NI) > V(PI)on
80
680
µA
V(PI) – V(NI) < V(PI)off
0
2000
µA
004 I(NI)
NI Input Current
No load;
V(PI) – V(NI) > V(PI)on
-1000
-130
µA
V(PI) – V(NI) < V(PI)off
-2000
0
µA
005 Ilk(DP)
DP Output Leakage Current
V(PI) – V(NI) < V(PI)off,
V(DP) = 0 .. V(VP)
-100
100
µA
006 Vc(DP)lo
DP Clamp Voltage low
Vc(DP)lo = V(DP) – V(VP),
I(DP) = -10 mA
-70
-45
-40
V
007 Vc(DP)hi
DP Clamp Voltage high
Vc(DP)hi = V(DP) − V(VP),
I(DP) = 10 mA
0.3
1
V
008 Vc()hi
PI, VP Clamp Voltage high
Vc()hi = V() – V(NI), I() = 4 mA
37
40
V
009 tpiohi
Activation Delay NI → DP
V(PI)on < V(PI) – V(NI) < 48 V,
1
25
µs
V(Rload) = 48 V, Rload = 360 Ω,
I(DP) = 0 → -90 mA,
|Input slew rate| > 10 V/µs
010 tpiolo
Deactivation Delay NI → DP
V(PI) – V(NI) < V(PI)off,
1
15
µs
V(Rload) = 36 V, Rload = 360 Ω,
I(DP) = -100 → -10 mA,
|Input slew rate| > 10 V/µs
Highside Output DP
101 Vs(DP)
Output Saturation Voltage
DP = hi, with reference to VP
I(DP) = -200 mA,
-800
mV
I(DP) = -50 mA
-200
mV
102 Isc(DP)
Output Short-Circuit Current
V(VP) – V(DP) = 1 V ... VB, DP = hi
Tj = -40 °C
-800
-200
mA
Tj = 27 °C
-400
-200
mA
Tj = 120 °C
-200
mA
103 SR(DP)on Slew Rate, V(DP) → VP
V(PI) – V(NI) > V(PI)on,
50
V/µs
V(Rload) = 36 V, Rload = 360 Ω,
V(VP) – V(DP) = 32.4 → 3.6 V
104 SR(DP)off Slew Rate, V(DP) → V(NI)
V(PI) – V(NI) < V(PI)off,
20
V/µs
V(Rload) = 36 V, Rload = 360 Ω,
V(VP) – V(DP) = 3.6 → 32.4 V
105 Vfw(DP)
Freewheeling Voltage
I(DP) = -200 mA,
with reference to VP, including Zener noise
voltage
-60
-45
-40
V
Temperature Monitor
201 Toff
Thermal Shutdown Threshold
120
150
°C
202 Ton
Thermal Release Threshold
Decreasing temperature
110
135
°C
203 Thys
Thermal Shutdown Hysteresis
Thys = Toff – Ton
15
°C
Input Threshold
301 V(PI)on
Power-On Threshold Voltage
V(PI) – V(NI)
2.7
4.1
V
302 V(PI)off
Power-Off Threshold Voltage
V(PI) – V(NI), decreasing voltage
2.3
3.7
V
303 V(PI)hys
Hysteresis
V(PI)hys = V(PI)on – V(PI)off
170
380
590
mV


Similar Part No. - IC-DP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DP ICHAUS-IC-DP Datasheet
215Kb / 7P
   HIGHSIDE SWITCH
IC-DP ICHAUS-IC-DP Datasheet
229Kb / 8P
   HIGHSIDE SWITCH
IC-DPSOT23-6L ICHAUS-IC-DPSOT23-6L Datasheet
215Kb / 7P
   HIGHSIDE SWITCH
IC-DP ICHAUS-IC-DP_11 Datasheet
229Kb / 8P
   HIGHSIDE SWITCH
More results

Similar Description - IC-DP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DP ICHAUS-IC-DP Datasheet
215Kb / 7P
   HIGHSIDE SWITCH
IC-DP ICHAUS-IC-DP_11 Datasheet
229Kb / 8P
   HIGHSIDE SWITCH
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com