Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-HD2 Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-HD2
Description  QUAD DIFFERENTIAL LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HD2 Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-HD2 Datasheet HTML 1Page - IC-Haus GmbH IC-HD2 Datasheet HTML 2Page - IC-Haus GmbH IC-HD2 Datasheet HTML 3Page - IC-Haus GmbH IC-HD2 Datasheet HTML 4Page - IC-Haus GmbH IC-HD2 Datasheet HTML 5Page - IC-Haus GmbH IC-HD2 Datasheet HTML 6Page - IC-Haus GmbH IC-HD2 Datasheet HTML 7Page - IC-Haus GmbH IC-HD2 Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
iC-HD2
QUAD DIFFERENTIAL LINE DRIVER
Rev A6, Page 4/8
ELECTRICAL CHARACTERISTICS
Operating Conditions: VB = 4.5...35 V, Tj = -40...125 C, unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VB
Permissible Supply Voltage
4.5
35
V
002
I(VB)
Supply Current in VB
NEN = lo, outputs and VREF not loaded
3.8
5.5
mA
003
I(VB)tri
Tristate Current Consumption in
VB
NEN = hi, VREF not loaded
2.7
mA
004
Vc()lo
Clamp Voltage lo at
NEN, Ix, NERR
I() = -1 mA, NERR not active
-1.2
-0.3
V
005
Vc()hi
Clamp Voltage hi at
NEN, Ix, NERR
I() = 1 mA, NERR not active
VB +
0.3
VB +
1.2
V
006
Vc()lo
Clamp Voltage lo at
O1..O4, NO1..NO4
VB = 0 V, I() = -10 mA
-1.2
-0.3
007
Vc()hi
Clamp Voltage hi at
O1..O4, NO1..NO4
VB = 0 V, I() = 10 mA
VB +
0.3
VB +
1.2
Driver Outputs Ox, NOx (x = 1...4)
101
Vs()lo
Saturation Voltage lo
I() = 40 mA
0.2
0.6
V
102
Vs()hi
Saturation Voltage hi
Vs()hi = VB - V(); I() = -40 mA
0.3
0.7
V
103
Iout()lo
Driving Capability lo
VB = 30 V, V() = 3 V
40
60
90
mA
104
Iout()hi
Driving Capability hi
VB = 30 V, V() = VB − 3 V
-90
-60
-40
mA
105
Isc()lo
Short-Circuit Current lo
VB = 30 V, V() = VB
500
mA
106
Isc()hi
Short-Circuit Current hi
V() = 0 V
-500
mA
107
Rout()
Output Resistance
VB = 10...30 V, V() = VB/2
50
75
110
108
SR()lo, hi
Slew-Rate lo/hi
VB = 24 V, CL = 100 pF
400
V/µs
109
tp()lo, hi
In/Out Propagation Delay lo/hi
75
200
ns
110
dtp()
Delay Skew
output Ox vs. NOx
-35
35
ns
111
Ilk()
Output Leakage Current
NEN = hi
-10
10
uA
Driver Inputs Ix (x=1...4)
Functional input voltage range V(Ix) = 0 to 7.5 V
201
Vt()lo
Threshold Voltage lo
0.8
V
202
Vt()hi
Threshold Voltage hi
2.4
V
203
Vt()hys
Input Hysteresis
0.1
0.2
V
204
I()
Input Leakage Current
0 V < V() < VREF
-5
5
µA
Function Input NEN
301
Vt1()lo
Threshold Voltage lo
Driver enabled for
V(NEN) < Vt1()lo
0.8
V
302
Vt1()hi
Threshold Voltage hi
2.4
V
303
Vt1()hys
Input Hysteresis
0.1
0.2
V
304
Vt2()hi
Threshold Voltage hi
Driver enabled without thermal shutdown func-
tion for V(NEN) > Vt2()hi
7.5
10
12
V
305
Vt2()hys
Input Hysteresis
0.5
V
306
Iin()
Input Current
5V < V(NEN) < VB
100
400
µA
307
Iin()
Input Current
0 < V(NEN) < 5V
-5
5
µA
Voltage Regulator VREF
401
VREF
Output Voltage VREF
VB > VREF + 0.2 V, I(VREF) = 0...-5 mA
4.5
5.5
V
402
I(VREF)
Permissible Load Current VREF
5
mA
403
Isc()lo
Short-Circuit Current
V(VREF) = 0 V
-40
-16
-7
mA
404
CL()
Permissible Capacitive Load
at pin VREF
0.01
1
µF
Undervoltage Monitoring
501
Voff
Undervoltage Threshold lo
3.0
3.5
V
502
Von
Undervoltage Threshold hi
3.6
4.1
V
503
Vhys
Undervoltage Hysteresis
35
100
mV
504
tp()shut
Undervoltage Lockout Delay
20
µs


Similar Part No. - IC-HD2

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD2TSSOP20 ICHAUS-IC-HD2TSSOP20 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - IC-HD2

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
ET7272 ICHAUS-ET7272 Datasheet
52Kb / 3P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7 Datasheet
253Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
TDA7237 STMICROELECTRONICS-TDA7237 Datasheet
78Kb / 5P
   QUAD DIFFERENTIAL LINE DRIVER
logo
IC-Haus GmbH
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7_14 Datasheet
239Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com