Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-HF Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-HF
Description  6-CH. ENCODER LINK, RS-422 DRIVER/RECEIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HF Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-HF Datasheet HTML 7Page - IC-Haus GmbH IC-HF Datasheet HTML 8Page - IC-Haus GmbH IC-HF Datasheet HTML 9Page - IC-Haus GmbH IC-HF Datasheet HTML 10Page - IC-Haus GmbH IC-HF Datasheet HTML 11Page - IC-Haus GmbH IC-HF Datasheet HTML 12Page - IC-Haus GmbH IC-HF Datasheet HTML 13Page - IC-Haus GmbH IC-HF Datasheet HTML 14Page - IC-Haus GmbH IC-HF Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
preliminary
preliminary
iC-HF
6-CH. ENCODER LINK, RS-422 DRIVER/RECEIVER
Rev C1, Page 11/36
FUNCTION DESCRIPTION
iC-HF has 4 function modes. Each function mode com-
bines the unidirectional and bidirectional channels with
a specific configuration. iC-HF can be operated as a
six channel line driver, as a 6 lines transceiver with
BiSS/SSI connectivity or as a bus capable BiSS slave
transceiver inserted in a BiSS bus structure. The 4
function modes are the following:
• A/B/Z and U/V/W
• A/B/Z and BiSS/SSI
• BiSS bus structure
• BiSS bus loopback
Selection of iC-HF’s function mode is set by the pins
FMSEL2 and FMSEL1:
FMSEL2 FMSEL1
MODE
0
0
A/B/Z and U/V/W
0
1
A/B/Z and BiSS/SSI
1
1
BiSS bus structure
1
0
BiSS bus loopback
Table 4: Mode Configurations
FMSELx pins include pull-down resistors. When there
is no external connection to FMSELx pins, A/B/Z and
U/V/W is the default selected mode.
A/B/Z and U/V/W Mode
If FMSEL2 = 0 and FMSEL1 = 0, iC-HF is configured
in A/B/Z and U/V/W mode. A/B/Z and U/V/W mode
is the default mode. In this mode all 6 channels work
as line drivers. Single ended input signals at pins X1
to X6 are converted into differential output signals at
pins Q1/NQ1 to Q6/NQ6. Output signals follow RS-422
standard.
Output Enable pin ”OEN” must be set hi to enable differ-
ential output signals. When working as 6-channel line
driver, pins NX1 to NX3 are disabled. An example of
iC-HF working as a 6-channel line driver is presented
in figure 8.
RS422 Output
BYP
REVERSE POLARITY PROTECTION
BYPR
OVT
PoDo
CONTROL
REQUEST
OVERTEMP
RS422 Output
1 μF
1 μF
iC-HF
3..5.5V
ENCODER LINK
DETECTION
TRI
OVT
LOGIC
PoDo
RS422 Output
RS422 Output
RS422 Output
RS422 Output
POWER DOWN
1
NQ2
Q2
X2
GND
VDD
Q5
NQ5
X5
X6
Q6
NQ6
PTC
NX1
NX2
VDDS
EBIS
X3
Q3
NQ3
NX3
ECM
FMSEL2
FMSEL1
OEN
NERR
X1
Q1
NQ1
GNDS
NERRI
NQ1
Q1
TRI
X4
Q4
NQ4
1
Figure 8: A/B/Z and U/V/W mode, 6 channel line
driver
In A/B/Z and U/V/W mode it is possible to enter En-
coder Link State. If Encoder Link State in this mode
is entered, signals at pins X1 to X6 are directly linked
to output pins Q1 to Q6. Input signals at pins NX1 to
NX3 are also linked to output pins NQ1 to NQ3. Alto-
gether, 9 lines are available in A/B/Z and U/V/W mode
in Encoder Link State.
To enter Encoder Link State, ECM pin must be set hi
and two signals must be input at pins Q1 and NQ1
following a specific timing sequence. This timing se-
quence is called Encoder Link Sequence. More infor-
mation about entering Encoder Link State on page 20.
OVT
PoDo
CONTROL
iC-HF
3..5.5V
Encoder Link
LOGIC
Encoder Link
TRI
BYP
OVT
Encoder Link
REVERSE POLARITY PROTECTION
PoDo
1 μF
1 μF
ENCODER LINK
REQUEST
DETECTION
POWER DOWN
OVERTEMP
Encoder Link
Encoder Link
Encoder Link
BYPR
1
X6
NQ6
GND
VDD
Q5
NQ5
PTC
VDDS
NX3
ECM
FMSEL2
FMSEL1
OEN
NERR
Q1
NQ1
GNDS
NERRI
X4
Q4
NQ4
X2
NQ1
X1
Q1
NX1
Q2
NQ2
NX2
Q3
X3
X5
NQ3
EBIS
Q6
1
Figure 9: A/B/Z and U/V/W mode, 9 lines in Encoder
Link State
A/B/Z and BiSS/SSI mode
If FMSEL2 = 0 and FMSEL1 = 1, iC-HF is configured
in A/B/Z and BiSS/SSI mode. In A/B/Z and BiSS/SSI
Mode channels 1, 2 and 3 work as line drivers, similar
to A/B/Z and U/V/W mode.
Channels 4, 5 and 6 are used for implementing
BiSS/SSI communication in RS-422. This allows com-


Similar Part No. - IC-HF

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HB ICHAUS-IC-HB Datasheet
586Kb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB_13 Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HC ICHAUS-IC-HC Datasheet
643Kb / 10P
   ULTRA FAST DUAL HV-KOMPARATOR
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - IC-HF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3282EMRTEP INTERSIL-ISL3282EMRTEP Datasheet
624Kb / 8P
   RS-485/RS-422 Receiver
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
[Old version datasheet]   DS3486 Quad RS-422, RS-423 Line Receiver
logo
WAGO Kontakttechnik Gmb...
750-631-000-004 WAGO-750-631-000-004 Datasheet
502Kb / 11P
   Incremental encoder interface; RS-422; 16 bits
750-637 WAGO-750-637 Datasheet
570Kb / 12P
   Incremental encoder interface; RS-422; 32 bits
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
   QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
National Semiconductor ...
DS8922 NSC-DS8922 Datasheet
486Kb / 14P
   TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Texas Instruments
DS8922 TI1-DS8922_15 Datasheet
1Mb / 20P
[Old version datasheet]   TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com