Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-LQNP Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-LQNP
Description  PULSE AND AC LIGHT SENSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LQNP Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-LQNP Datasheet HTML 3Page - IC-Haus GmbH IC-LQNP Datasheet HTML 4Page - IC-Haus GmbH IC-LQNP Datasheet HTML 5Page - IC-Haus GmbH IC-LQNP Datasheet HTML 6Page - IC-Haus GmbH IC-LQNP Datasheet HTML 7Page - IC-Haus GmbH IC-LQNP Datasheet HTML 8Page - IC-Haus GmbH IC-LQNP Datasheet HTML 9Page - IC-Haus GmbH IC-LQNP Datasheet HTML 10Page - IC-Haus GmbH IC-LQNP Datasheet HTML 11Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
iC-LQNP
PULSE AND AC LIGHT SENSOR
Rev C1, Page 9/11
APPLICATION HINTS
Example Output Signals
Figure 5: Output signal for 2 µs pulse light.
Transmitter: LED 875 nm with tr = tf = 0.1 µs;
VCC = 5 V, RL = 10 kΩ, CL = 20 pF;
Chan 1: V(OUT), 1 V/DIV vertically,
Chan 2: I(LED), 20 mA/DIV vertically
Figure 6: Output signal for 2 µs pulse light with noise
(accumulated over 256 samples)
Figure 7: Output signal for 2 µs pulse light, superim-
posed by ambient light of approx. 15000 Lux
Figure 8: As in Fig. 7, accumulated for visibility over
256 samples. Despite of bright ambient light
condition noise remains low level.


Similar Part No. - IC-LQNP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LQNP ICHAUS-IC-LQNP Datasheet
271Kb / 10P
   PULSE AND AC LIGHT SENSOR
IC-LQNPCDFN6 ICHAUS-IC-LQNPCDFN6 Datasheet
271Kb / 10P
   PULSE AND AC LIGHT SENSOR
IC-LQNPCHIP ICHAUS-IC-LQNPCHIP Datasheet
271Kb / 10P
   PULSE AND AC LIGHT SENSOR
IC-LQNPTO18-4F ICHAUS-IC-LQNPTO18-4F Datasheet
271Kb / 10P
   PULSE AND AC LIGHT SENSOR
IC-LQNPTO18-4L ICHAUS-IC-LQNPTO18-4L Datasheet
271Kb / 10P
   PULSE AND AC LIGHT SENSOR
More results

Similar Description - IC-LQNP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LQNP ICHAUS-IC-LQNP Datasheet
271Kb / 10P
   PULSE AND AC LIGHT SENSOR
logo
List of Unclassifed Man...
MKP375 ETC2-MKP375 Datasheet
1Mb / 54P
   AC and Pulse
logo
Renesas Technology Corp
OB1203 RENESAS-OB1203 Datasheet
1Mb / 72P
   Heart Rate, Blood Oxygen Concentration, Pulse Oximetry, Proximity, Light and Color Sensor
July 22, 2022
logo
ELMOS Semiconductor AG
E527.04 ELMOS-E527.04 Datasheet
168Kb / 2P
   Rain and Light Sensor
logo
Mallory Sonalert Produc...
ZT028LAFP1R MSPI-ZT028LAFP1R Datasheet
132Kb / 1P
   Fast Pulse Sound and Light @ 10 PPS
logo
Vishay Siliconix
KP1830233061 VISHAY-KP1830233061 Datasheet
99Kb / 10P
   AC and Pulse Film Foil Capacitors
Revision: 16-Jan-09
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
logo
ELMOS Semiconductor AG
E527.05 ELMOS-E527.05 Datasheet
299Kb / 2P
   HALIOS RAIN AND LIGHT SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com