Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MB4 Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-MB4_15 Datasheet HTML 1Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 2Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 3Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 4Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 5Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 6Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 7Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 8Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 2/40
DESCRIPTION
iC-MB4 is a single-chip BiSS/SSI interface master
controller featuring an 8 bit bus interface to industrial
standard microcontrollers. Alternatively an SPI inter-
face enables serial communication between iC-MB4
and the connected microcontroller. Up to 8 BiSS
slaves can be accessed. The BiSS devices are con-
nected to clock line MA1 and data return line SL1 us-
ing RS422 transceivers (Figure 2). The BiSS devices
can be connected directly in noise-free environments.
A maximum of 8 BiSS slaves is supported, each with
their own configurable data sections covering:
1. Sensor data from 0 to 64 bit
(for measurement data, flags like alarm and
warning, life cycle counter, . . . )
2. Register data with 128 bytes per slave ID
(e.g. for device parameters)
iC-MB4 provides two RAM memory banks for each
slave, enabling parallel access of the microcontroller
while new sensor data is being read in. A 64 byte
memory supports register transfers. Sensor data ac-
quisition is started by a microcontroller command or
via pin GETSENS. Alternatively, iC-MB4 can also read
in new sensor data automatically; the cycle time in
this instance can be set as required. The end of sen-
sor data acquisition and reading is signaled at pin
EOT by a high; if faults occur during transmission pin
NER signals a low. Errors in communication can be
verified by the microcontroller via a status register; a
system error message can also enter this register if
bidirectional message pin NER is kept low by external
intervention. iC-MB4 generates a clock signal for sen-
sor communication using an internal 20 MHz oscillator.
The clock can also be supplied externally. iC-MB4
is based on the BiSS master IP family MB100_X.
controldata
Device 1 (Sensor)
Master
clock/
Last Slave
controldata
ID 1..N-1
ID 0
sensordata/
MA+
MA-
SL-
V-
V+
SL+
MA-
MA+
SLO-
SLO+
Figure 1: Point-to-point connection of iC-MB4 to
one device with several slaves
controldata
actuatordata
ID N
ID N+1..M-1
Last Slave
ID 0
ID 1..N-1
Device 2 (Sensor/Actuator)
Device 1 (Sensor/Actuator)
Master
clock/
controldata
sensordata/
MA-
MA+
V-
V+
SLI+
SLI-
MA+
MA-
SL+
SL-
SL-
SL+
MO+
MO-
MAO-
MAO+
SLO+
SLO-
SLR-
MO-
MO+
V-
V+
MA+
MA-
SL+
SL-
SLR+
Figure 2: Example network of iC-MB4 and two devices
The device offered here is a multifunctional iC that contains integrated BiSS C interface components. The BiSS C process is protected
by patent DE 10310622 B4 owned by iC-Haus GmbH. Users benefit from the open BiSS C protocol with a free license which is
necessary when using the BiSS C protocol in conjunction with this iC.
Download the license at www.biss-interface.com/BUA


Similar Part No. - IC-MB4_15

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MB4ICSYMB4U ICHAUS-IC-MB4ICSYMB4U Datasheet
1Mb / 5P
   BiSS, SSI, PC-USB 2.0 ADAPTER
More results

Similar Description - IC-MB4_15

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MB3 ICHAUS-IC-MB3 Datasheet
454Kb / 26P
   BiSS INTERFACE MASTER, 1-Chan./3-Slaves
logo
Pepperl+Fuchs Inc.
VBM-CTR-K20-R2 PF-VBM-CTR-K20-R2 Datasheet
275Kb / 2P
   AS-Interface master
VBM-CLX-DM PF-VBM-CLX-DM Datasheet
362Kb / 3P
   AS-Interface master
VBM-CTR-PCI-DM PF-VBM-CTR-PCI-DM Datasheet
238Kb / 2P
   AS-Interface master
2019-08-23
BW2087 PF-BW2087 Datasheet
257Kb / 2P
   AS-Interface master
logo
WAGO Kontakttechnik Gmb...
750-655 WAGO-750-655 Datasheet
510Kb / 14P
   AS Interface Master
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
   I2C Bus Interface - Master
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
DSPI DCD-DSPI Datasheet
94Kb / 6P
   Serial Peripheral Interface - Master/Slave
logo
PHOENIX CONTACT
2746524 PHOENIX-2746524 Datasheet
69Kb / 4P
   INTERBUS master interface IBS ECO-LINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com