Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-51750GD065J-FW-AA Datasheet(PDF) 2 Page - OPTREX CORPORATION

Part # T-51750GD065J-FW-AA
Description  LCD Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

T-51750GD065J-FW-AA Datasheet(HTML) 2 Page - OPTREX CORPORATION

  T-51750GD065J-FW-AA Datasheet HTML 1Page - OPTREX CORPORATION T-51750GD065J-FW-AA Datasheet HTML 2Page - OPTREX CORPORATION T-51750GD065J-FW-AA Datasheet HTML 3Page - OPTREX CORPORATION T-51750GD065J-FW-AA Datasheet HTML 4Page - OPTREX CORPORATION T-51750GD065J-FW-AA Datasheet HTML 5Page - OPTREX CORPORATION T-51750GD065J-FW-AA Datasheet HTML 6Page - OPTREX CORPORATION T-51750GD065J-FW-AA Datasheet HTML 7Page - OPTREX CORPORATION T-51750GD065J-FW-AA Datasheet HTML 8Page - OPTREX CORPORATION T-51750GD065J-FW-AA Datasheet HTML 9Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
T-51750GD065J-FW-AA (AA) No. 2003-0199
OPTREX CORPORATION
Page 2/24
1.
General Specifications
Operating Temperature
: min. 0 deg. to max. 60 deg.
Storage Temperature
: min. –25 deg. to max. 70 deg.
Resolution
: 640 x 3 [R.G.B] (W) x 480 (H) dots
Dot pitch
: 0.069 x 3 [R.G.B] (W) x 0.207 (V) mm
Pixel arrangement
: RGB-Stripe
Color depth
: 262,144 colors
Active Viewing Area
: 132.5 (W) x 99.4 (H) mm
Outline dimensions *
: 158.0 (W) x 120.36 (H) x 11.55 (D) mm
* Excluding backlight cables.
Weight
: 190 g typ.
LCD type
: Normally white-mode / Transmissive
Viewing angle
: 6:00
Interface
: 18-bit parallel data transfer (6-bit / color)
Backlight *
: CCFL, Edge lighting type 2-tubes, replaceable
* Backlight driving DC/AC inverter is not built in this module.
Surface Treatment
: AGLR Coating (Low Reflectance)
Drawings
: Dimensional Outline
UE-311848


Similar Part No. - T-51750GD065J-FW-AA

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
T-51750GD065J-FW-ADN KSS-T-51750GD065J-FW-ADN Datasheet
676Kb / 26P
   LCD Module Technical Specification
T-51750GD065J-FW-AFN KSS-T-51750GD065J-FW-AFN Datasheet
680Kb / 26P
   LCD Module Technical Specification
T-51750GD065J-FW-APN KSS-T-51750GD065J-FW-APN Datasheet
834Kb / 30P
   LCD Module Technical Specification
More results

Similar Description - T-51750GD065J-FW-AA

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT5711LH-T HYES-HT5711LH-T Datasheet
777Kb / 22P
   LCD MODULE
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
List of Unclassifed Man...
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
logo
OPTREX CORPORATION
DMC40457 OPTREX-DMC40457 Datasheet
166Kb / 15P
   LCD Module
logo
AZ Displays
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
   LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
   LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
   LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
   LCD MODULE
TM164ABA ETC-TM164ABA Datasheet
353Kb / 23P
   LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
   LCD Module
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
   LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com