Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMA36R Datasheet(PDF) 1 Page - Humirel

Part # KMA36R
Description  Digital Magnetic Encoder Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

KMA36R Datasheet(HTML) 1 Page - Humirel

  KMA36R Datasheet HTML 1Page - Humirel KMA36R Datasheet HTML 2Page - Humirel KMA36R Datasheet HTML 3Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSOR SOLUTIONS /// MEAS KMA36R FOR GROVE SYSTEM
11/2016
Page 1
MEAS KMA36R SENSOR FOR
GROVE SYSTEM
Digital Magnetic Encoder Sensor
The KMA36(A) provides the necessary hardware to interface the
KMA36, A universal magnetic encoder for precise rotational
measurement. To any system that utilizes Grove compatible expansion
ports configurable for I²C communication. The KMA36 sensor feature a
system-on chip technology that combines a magneto resistive element
along with analog to digital converter and signal processing in a
standard small package. The sensor model works in 5V voltage
external. By using Anisotropic Magneto Resistive(AMR) technology, the
KMA36 can determine contactless the magnetic angle of an external
magnet over 360°.
Specifications
• Contactless angle measurement from 0° to 360°
• Programmable resolution up to 13 bits
• I²C communication
• Very low hysteresis
• Incremental model
• Programmable zero position
• low power consumption
Features
• 4-pin Grove compatible connector
• I²C interface
• Programmable resolution up to 13 bits
• Very low hysteresis
• High accuracy mode
Performance
• User programmable parameters
• Low power mode
• -40°C to 125°C accuracy:1°C
• Sleep and automatic wake-up through I²C
• Programmable zero position
• Device address hardware configurable
• Operates 5V


Similar Part No. - KMA36R

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KMA36R TEC-KMA36R Datasheet
196Kb / 4P
   Digital Magnetic Encoder Sensor
More results

Similar Description - KMA36R

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KMA36R TEC-KMA36R Datasheet
196Kb / 4P
   Digital Magnetic Encoder Sensor
logo
Vishay Siliconix
RAME033 VISHAY-RAME033 Datasheet
209Kb / 5P
   Rotational Absolute Magnetic Encoder, 33 mm and 37 mm Displacement Sensor
Revision: 10-Mar-17
RAME027 VISHAY-RAME027_17 Datasheet
87Kb / 3P
   Rotational Absolute Magnetic Encoder Displacement Sensor
Revision: 16-Nov-17
RAME027 VISHAY-RAME027 Datasheet
78Kb / 3P
   Rotational Absolute Magnetic Encoder Displacement Sensor
Revision: 08-Dec-16
logo
Toshiba Semiconductor
TCS10NLU TOSHIBA-TCS10NLU Datasheet
144Kb / 6P
   Digital Output Magnetic Sensor
TCS10NPU TOSHIBA-TCS10NPU Datasheet
148Kb / 6P
   Digital-Output Magnetic Sensor
TCS11DLU TOSHIBA-TCS11DLU Datasheet
150Kb / 6P
   Digital Output Magnetic Sensor
TCS10DLU TOSHIBA-TCS10DLU Datasheet
114Kb / 6P
   Digital-Output Magnetic Sensor
TCS10DPU TOSHIBA-TCS10DPU Datasheet
93Kb / 6P
   Digital Output Magnetic Sensor
TCS10SPU TOSHIBA-TCS10SPU Datasheet
157Kb / 6P
   Digital-Output Magnetic Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com