Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMBA-H110A Datasheet(PDF) 2 Page - AAEON Technology

Part # IMBA-H110A
Description  Two Independent Display: HDMI x 1, DP x 1, VGA x 1
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

IMBA-H110A Datasheet(HTML) 2 Page - AAEON Technology

  IMBA-H110A Datasheet HTML 1Page - AAEON Technology IMBA-H110A Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-59
10-60
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.
Block Diagram
Dimension
Unit: mm
IMBA-H110A
Ordering Information
Part Number
CPU
RAM
Fan/Fanless
Display
Storage
LVDS
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
TPM
Temp.
IMBA-H110A-A10
LGA1151
socket
DDR4
Fan
HDMI x 1,
DP x 1,
VGA x 1
M.2 M key
2280 x 1
SATA3 x 3
GbE x 2
USB3.0 x 4,
USB2.0 x 6
5
1
PCIe[x16] x 1,
PCIe[x4] x 1, PCI x 4
ATX
32°F ~ 140°F
(0°C ~ 60°C)
Intel®
PCH H110
KABY LAKE-S
SKYLAKE-S
LGA1151 CPU
PCIe III
PCIe [x16] Gen III
Channel A
DDR4 2400/2133/1867MHz
DMI III
USB 3.0/2.0 x 4
SATAIII x 3
Audio ALC887
SPI flash
LPC
6 Gpbs
GbE
USB 2.0 x 6
PCIe II
ASM1085
PCI x 4
SIO
NCT6791D
PCIe II
Port B
Port C
Port E
DDR4 2400/2133/1867MHz
F81216HD
COM 3~6
FAN1~3
PS/2
KB/MS
COM1 (w/ 5V, 12V, RS-
232/422/485) & COM2
HW
Monitor
DIO
8-BIT
Watch
dog
24 MHz
DP
ASM1442
HDMI
HDMI
RTD2168
RGB
Channel B
PCIe II
PCIe [x4] x 1
RJ-45
Audio AMP
Int.SPKR
5Gb/s
480Mb/s
480Mb/s
SPI
Line In
Line out
Mic In
VGA
Intel I211AT
M.2 M key
Intel I219V
RJ-45
6 Gpbs
NPCT650A
TPM2.0


Similar Part No. - IMBA-H110A

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
IMBA-H61A AAEON-IMBA-H61A Datasheet
460Kb / 2P
   ATX Industrial Motherboard with Intel 2nd/3rd Generation Core i7/ i5/ i3/ Pentium Processor
IMBA-H61A AAEON-IMBA-H61A Datasheet
460Kb / 2P
   ATX Industrial Motherboard
IMBA-H61A-A10 AAEON-IMBA-H61A-A10 Datasheet
460Kb / 2P
   ATX Industrial Motherboard with Intel 2nd/3rd Generation Core i7/ i5/ i3/ Pentium Processor
IMBA-H61A AAEON-IMBA-H61A_15 Datasheet
460Kb / 2P
   ATX Industrial Motherboard
More results

Similar Description - IMBA-H110A

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
IMBM-H110A AAEON-IMBM-H110A Datasheet
494Kb / 2P
   Two Independent Display: HDMI x 2, VGA x 1, DVI-D x 1
EMB-APL1 AAEON-EMB-APL1 Datasheet
484Kb / 2P
   Three Independent Display: VGA x 1, HDMI x 1, LVDS/eDP x 1
EMB-Q170C AAEON-EMB-Q170C Datasheet
469Kb / 2P
   Three Independent Display : VGA x 1, HDMI x 2
IMBM-H81B AAEON-IMBM-H81B Datasheet
510Kb / 2P
   Two Independent Display: VGA x 1, DVI-I Port x 1
logo
Axiomtek Co., Ltd.
AX93267 AXIOMTEK-AX93267 Datasheet
338Kb / 2P
   Specification: 1 x DC Jack, 1 x VGA, 1 x Gigabit LAN
AX93276 AXIOMTEK-AX93276_17 Datasheet
338Kb / 2P
   Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0, 1 x HDMI, 1 x Gigabit LAN
AX93A01 AXIOMTEK-AX93A01 Datasheet
338Kb / 2P
   Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0, 1 x HDMI, 1 x Gigabit LAN
AX93A00 AXIOMTEK-AX93A00 Datasheet
338Kb / 2P
   Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0, 1 x VGA
logo
Advantech Co., Ltd.
UNO-2362G ADVANTECH-UNO-2362G_15 Datasheet
689Kb / 2P
   AMD짰 Dual Core T40E Small-Size Automation Computer w/ 1 x GbE, 1 x mPCIe, HDMI/DP
UNO-247 ADVANTECH-UNO-247 Datasheet
514Kb / 2P
   Intel® Celeron J3455 processor IoT Edge Computer, with 2 x LAN, 6 x COM, 4 x USB, 1 x HDMI, 1 x VGA
5-Aug-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com