Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NITX-SKL1-6100-A10 Datasheet(PDF) 1 Page - AAEON Technology

Part # NITX-SKL1-6100-A10
Description  Dual Gigabit Ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

NITX-SKL1-6100-A10 Datasheet(HTML) 1 Page - AAEON Technology

  NITX-SKL1-6100-A10 Datasheet HTML 1Page - AAEON Technology NITX-SKL1-6100-A10 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10
10-1
10-2
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.
Features
Specifications
NITX-SKL1
System
CPU
6th gen. Intel® 14nm ULT Core™, BGA CPU, 15W TDP.
i7-6600U 2C/4T GT2 2.6/3.4 GHz 4M/ i5-6300U 2C/4T GT2 2.4/3.0 GHz 3M/
i3-6100U 2C/4T GT2 2.3 GHz 3M/ Celeron® 3955U 2C/2T GT1 (f) 2.0 GHz 2M
Chipset
Intergrate into SoC
System Memory
SODIMM x 2, max. 32 GB, DDR4 2133/1867 MHz non-ECC, un-buffered
memory
I/O Chipset
NCT5538D
Ethernet
Realtek 8111G Giga LAN 10/100/1000Mb LAN x 2, RJ-45 x 2
Audio
Realtek® ALC887
TPM
No
Expansion Slots
M.2 2280 M-Key slot x 1 (PCIe x4 + SATA)
M.2 2230 E-Key slot x 1 (PCIe+USB)
BIOS
128Mbit Flash ROM, AMI BIOS
H/W Monitor
Temperature Monitor on CPU/System
Voltage Monitor on Vcore/5V/3.3V/12V
Fan Monitor on Chassis
WatchDog Timer
1~255 steps by software program
Smart Fan Control
Chassis Fan
Wake On LAN / PXE
Yes (WOL / PXE)
Power State
S3, S4, S5
Graphics
Graphics Chipset
Integrated Graphics
Resolution
HDMI 1.4 up to 4096x2160@24Hz
Brightness Control
Graphics Multi Display
HDMI+HDMI
Environment & Power & ME
Battery
Lithium battery
Power Requirement
DC Power x 1 (DC: 12V~19V, wide rage:12V-5%~ 19V+10%)
Operating Temperature
FANLESS : 0°C~40°C, FAN : 0°C~50°C
Operating Humidity
20%~90%RH, non-condensing
Certificate
CE & FCC class A
Form Factor
NANO ITX: 120mm x 120mm (4.72" x 4.72")
Weight
Front Panel I/O
USB
USB 3.0 port x 2
Audio
Audio Jack x 2: Line-out (green), Mic-in(pink)
Power
On/Off Button x 1
Others
Power LED + HD LED x 1
Rear Panel I/O Ports
USB
USB 3.0 port x 2
Display I/O
HDMI Connector x 2
Audio I/O
6th Generation Intel® Core™ 15W Processor Nano-ITX Board with HDMI x 2, LAN Port x 2, COM Port x 1 and USB
Port x 4
6th Generation Intel® Core™ i7/i5/i3/Celeron® 15W BGA Processor
Dual Gigabit Ethernet
Dual HDMI Port
USB 3.0 Port x 4
COM Port x 1
Packing List
Product CD
NITX-SKL1
Part Number
Description
1255300607
60W Power Adapter
968C032G1L
M.2 2280 32GB SSD
968C064G2X
M.2 2280 64GB SSD
968C128G1G
M.2 2280 128GB SSD
Optional Accessories
LAN I/O
RJ-45 connector x 2
Serial Port
PS/2 Port
Others
Reset Switch x 1, DC power jack x 1
Internal I/O
Serial port
RS-232 9PIN 1.25mm Header
Storage
M.2 2280 M-Key slot x 1
FAN
Chassis Fan connector x 1 (3-pin, p=2.00mm)
Others
Reset Switch 2-pin header x 1, power button 2-pin header x 1, M.2 2230
E-Key slot x 1
Operating System
MS Windows
WIndows® 7 32-bit, WIndows® 7 64-bit, WIndows® 8.1 64-bit, WIndows®
10 64-bit, Linux Fedora* 22 (64b)
USB 3.0 x 2
Line-out
Power LED
Power Button
M.2 2230 E-key
M.2 2280 M-key
Mic-in
COM Port Header
DDR4 SODIMM x 2
DP x 2
Reset Switch
LAN x 2
USB 3.0 x 2
DC Jack
2017/09/4


Similar Part No. - NITX-SKL1-6100-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
NITX-BD1 AAEON-NITX-BD1 Datasheet
343Kb / 2P
   dual gigabit ethernet
More results

Similar Description - NITX-SKL1-6100-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
NANO-001N AAEON-NANO-001N Datasheet
311Kb / 2P
   Dual Gigabit Ethernet
NITX-BD1 AAEON-NITX-BD1 Datasheet
343Kb / 2P
   dual gigabit ethernet
NANO-001F-5010-01 AAEON-NANO-001F-5010-01 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
63Kb / 4P
   Dual Gigabit Ethernet Controller
logo
Protech Systems Co., Lt...
PSB-893LF PROTECHSYSTEMS-PSB-893LF Datasheet
736Kb / 2P
   Supports Dual Gigabit Ethernet
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
2Mb / 315P
   DUAL GIGABIT ETHERNET CONTROLLER
PM3386-1 PMC-PM3386-1 Datasheet
59Kb / 2P
   Dual Gigabit Ethernet Controller
logo
Intel Corporation
82546EB INTEL-82546EB Datasheet
565Kb / 47P
   Dual Port Gigabit Ethernet Controller
logo
NXP Semiconductors
MC92604 NXP-MC92604 Datasheet
203Kb / 2P
   Dual Gigabit Ethernet SerDes Transceiver
2004 REV 1
logo
Advantech Co., Ltd.
MIC-3666 ADVANTECH-MIC-3666 Datasheet
402Kb / 1P
   Dual 10 Gigabit Ethernet XMC
19-Oct-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com