Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9302 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9302
Description  PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9302 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9302 Datasheet HTML 1Page - Torex Semiconductor XC9302 Datasheet HTML 2Page - Torex Semiconductor XC9302 Datasheet HTML 3Page - Torex Semiconductor XC9302 Datasheet HTML 4Page - Torex Semiconductor XC9302 Datasheet HTML 5Page - Torex Semiconductor XC9302 Datasheet HTML 6Page - Torex Semiconductor XC9302 Datasheet HTML 7Page - Torex Semiconductor XC9302 Datasheet HTML 8Page - Torex Semiconductor XC9302 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
XC9301/9302
Series
601
6
■Typical Application Circuit
GCircuit Connection Example
■Electrical Characteristics
XC9301x332MR,XC9302x332MR
Measuring Conditions : Unless otherwise stated, VDD = 3.3V, IOUT = 130mA
Note: 1. XC9302 series only
2. EFFI={[(Output Voltage) × (Output Current)] ÷ [(Input Voltage) × (Input Current)]} × 100
PARAMETER
SYMBOL
CONDITIONS
Output Voltage
Supply Voltage
Supply Current 1
VOUT=CE: Set Output Voltage × 0.95 applied
Supply Current 2
VOUT=CE: Set Output Voltage + 0.5 applied
Stand-By Current
VOUT: Set Output Voltage × 0.95 applied, CE=0V
Oscillation Frequency
VDD=VOUT=CE: Set Output Voltage × 0.95 applied
Max. Duty Ratio
VDD=VOUT=CE: Set Output Voltage × 0.95 applied
PFM Duty RatioNote1
No Load
EfficiencyNote2
VDD=VIN=CE: Set Output Voltage × 0.95 applied
Soft-Start Time
CE 'H' Voltage
VOUT: Set Output Voltage × 0.95 applied
CE 'L' Voltage
VOUT: Set Output Voltage × 0.95 applied
EXT/ 'H' ON Resistance
Same as IDD1, VEXT/ = VOUT - 0.4V
EXT/ 'L' ON Resistance
Same as IDD1, VEXT/ = 0.4V
UNITS
V
V
μA
μA
μA
KHz
%
%
%
mS
V
V
Ω
Ω
MAX.
3.383
10.0
140
26
0.5
207
92
35
20.0
0.20
43
27
TYP.
80
15
180
85
25
78
10.0
29
19
MIN.
3.218
3.300
2.0
153
78
15
5.0
0.65
(VOUT=3.3V, FOSC=180kHz)
Ta=25℃
VOUT
VDD
IDD1
IDD2
ISTB
FOSC
MAXDTY
PFMDTY
EFFI
TSS
VCEH
VCEL
REXTBH
REXTBL
XC9301x333MR, XC9302x333MR
PARAMETER
SYMBOL
CONDITIONS
Output Voltage
VOUT
Supply Voltage
VDD
Supply Current 1
IDD1VOUT=CE: Set Output Voltage × 0.95 applied
Supply Current 2
IDD2VOUT=CE: Set Output Voltage + 0.5 applied
Stand-By Current
ISTB
VOUT: Set Output Voltage x 0.95 applied, CE=0V
Oscillation Frequency
FOSC
VDD=VOUT=CE: Set Output Voltage × 0.95 applied
Max. Duty Ratio
MAXDTY VDD=VOUT=CE: Set Output Voltage × 0.95 applied
PFM Duty RatioNote1
PFMDTY No Load
EfficiencyNote2
EFFI
VDD=VIN=CE: Set Output Voltage × 0.95 applied
Soft-Start Time
TSS
CE 'H' Voltage
VCEH
VOUT: Set Output Voltage × 0.95 applied
CE 'L' Voltage
VCEL
VOUT: Set Output Voltage × 0.95 applied
EXT/ 'H' ON Resistance REXTBH
Same as IDD1, VEXT/ = VOUT - 0.4V
EXT/ 'L' ON Resistance REXTBL
Same as IDD1, VEXT/ = 0.4V
V
V
μA
μA
μA
KHz
%
%
%
mS
V
V
Ω
Ω
MAX.
3.383
10.0
200
35
0.5
345
92
35
20.0
0.20
43
27
TYP.
130
20
300
85
25
78
10.0
29
19
MIN.
3.218
3.300
2.0
255
78
15
5.0
0.65
Measuring Conditions : Unless otherwise stated, VDD = 3.3V, IOUT = 130mA
Note: 1. XC9302 series only
2. EFFI={[(Output Voltage) × (Output Current)] ÷ [(Input Voltage) × (Input Current)]} × 100
(VOUT=3.3V, FOSC=300kHz)
Ta=25℃
UNITS
External Components
PSW : XP162A12 ( SOT-89 pkg, Torex )
NSW : XP161A12 ( SOT-89 pkg, Torex )
L
: 22μH ( Sumida CR54 )
SD
: U2FWJ44N ( Schottky, Toshiba )
CL
: 16V, 47μF × 2 ( Tantalum, Nichicon MCE )
CIN
: 16V, 22μF ( Tantalum, Nichicon MCE )
220μF (Nichicon, PJ)
CE
CL
SD1
VOUT
VIN
CIN
SD2
PSW
NSW
L
06S_15XC9301/02新規 02.9.12 3:28 PM ページ 601


Similar Part No. - XC9302

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9301 TOREX-XC9301 Datasheet
706Kb / 13P
   PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
XC9301 TOREX-XC9301_1 Datasheet
706Kb / 13P
   PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
908Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9303B03KL TOREX-XC9303B03KL Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
More results

Similar Description - XC9302

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9301 TOREX-XC9301_1 Datasheet
706Kb / 13P
   PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
logo
Gamma Microelectronics ...
GM3326 GAMMA-GM3326 Datasheet
222Kb / 7P
   PWM,PWM/PFM SWITCHING STEP-UP & DOWN DC/DC CONVERTER CONTROLLER ICS
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com