Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP20L120SG Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # CP20L120SG
Description  20A Trench Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CP20L120SG Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  CP20L120SG Datasheet HTML 1Page - Chip Integration Technology Corporation CP20L120SG Datasheet HTML 2Page - Chip Integration Technology Corporation CP20L120SG Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
C I T C reserves the right to make changes to this document and its products and specifi cations at any
time without notice.
Customers should obtain and confi rm the latest product information and specifi cations before fi nal
design, purchase or use.
C I T C makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does C I T C assume any liability for application assistance or customer product
design.
C I T C does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of C I T C.
C I T C products are not authorized for use as critical components in life support devices or systems
without express written approval of C I T C.
■TO-277B foot print
Dimensions in inches and (millimeters)
B
0.142 (3.60)
A
0.185 (4.70)
C
0.152 (3.87)
D
0.260 (6.60)
E
0.055 (1.40)
D
B
E
A
C
F
G
F
G
0.035 (0.90)
0.031 (0.80)
■Ordering/Packing inf ormation
Part number
Case
Q’TY/Reel (PCS)
Q’TY/Box (PCS)
Q’TY/Carton(PCS)
CP20L120SG
TO-277B
5,000
10,000
40,000
Notes: 1. Halogen-Free product.
2. Halogen-Free defined follow IEC61249-2-21
,
3. For packaging details, please reference our website at http://www.citcorp.com.tw/tchinese/products/index.php
Halogen Free
HF
■Marking information
: CITC Logo
CP
20L120S
CP20L120S: Product type marking code
CP20L120SG
20A Trench Schottky Rectifier
Chip Integration Technology Corporation
Document ID : DS-12K007
Revised Date : 2016/07/14
Revision : C


Similar Part No. - CP20L120SG

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CP20L50SG CITC-CP20L50SG Datasheet
101Kb / 3P
   20A Surface Mount Trench Schottky Rectifier
CP20L80S CITC-CP20L80S Datasheet
464Kb / 3P
   20A Surface Mount Trench Schottky Rectifier
More results

Similar Description - CP20L120SG

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
   20A Trench Schottky Rectifier
CF20L45CT CITC-CF20L45CT Datasheet
468Kb / 3P
   20A Trench Schottky Rectifier
C20L60CT CITC-C20L60CT Datasheet
483Kb / 3P
   20A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT20120CT DIODES-SDT20120CT Datasheet
756Kb / 7P
   20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20B100CT DIODES-SDT20B100CT Datasheet
732Kb / 7P
   20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20A120CT DIODES-SDT20A120CT Datasheet
703Kb / 6P
   20A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 5 - 2
logo
Chip Integration Techno...
CF20100CT CITC-CF20100CT Datasheet
469Kb / 3P
   20A Trench Schottky Rectifier
CF20L100CT CITC-CF20L100CT Datasheet
477Kb / 3P
   20A Trench Schottky Rectifier
CF20S100CT CITC-CF20S100CT Datasheet
507Kb / 3P
   20A Trench Schottky Rectifier
CTP20L60SG CITC-CTP20L60SG Datasheet
521Kb / 4P
   20A Trench Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com