Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72173 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 72173
Description  Complementary 30-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

72173 Datasheet(HTML) 1 Page - Vishay Siliconix

  72173 Datasheet HTML 1Page - Vishay Siliconix 72173 Datasheet HTML 2Page - Vishay Siliconix 72173 Datasheet HTML 3Page - Vishay Siliconix 72173 Datasheet HTML 4Page - Vishay Siliconix 72173 Datasheet HTML 5Page - Vishay Siliconix 72173 Datasheet HTML 6Page - Vishay Siliconix 72173 Datasheet HTML 7Page - Vishay Siliconix 72173 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
D TrenchFETr Power MOSFET
D New Low Thermal Resistance PowerPAKr
Package with Low 1.07-mm Profile
APPLICATIONS
D Backlight Inverter
D DC/DC Converter
− 4-Cell Battery
Si7501DN
Vishay Siliconix
Document Number: 72173
S-32419—Rev. B, 24-Nov-03
www.vishay.com
1
Complementary 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
P-Channel
−30
0.051 @ VGS = −10 V
−6.4
P-Channel
−30
0.075 @ VGS = −6 V
−5.3
N Channel
30
0.035 @ VGS = 10 V
7.7
N-Channel
30
0.050 @ VGS = 4.5 V
6.5
1
2
3
4
5
6
7
8
S1
G1
S2
G2
D
D
D
D
3.30 mm
3.30 mm
PowerPAK 1212-8
Bottom View
G2
S2
S1
G1
D
Ordering Information: Si7501DN-T1—E3
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
P-Channel
N-Channel
Parameter
Symbol
10 secs
Steady State
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
−30
30
V
Gate-Source Voltage
VGS
"25
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−6.4
−4.5
7.7
5.4
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
−5.1
−3.6
4.7
4.3
A
Pulsed Drain Current
IDM
−25
25
A
Continuous Source Current (Diode Conduction)a
IS
−2.6
−1.3
2.6
1.3
Maximum Power Dissipationa
TA = 25_C
PD
3.1
1.6
3.1
1.6
W
Maximum Power Dissipationa
TA = 70_C
PD
3
1.0
2
1.0
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
32
40
Maximum Junction-to-Ambienta
Steady State
RthJA
65
81
_C/W
Maximum Junction-to-Foot (Case)
Steady State
RthJC
5
6.3
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - 72173

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
721 MACOM-721 Datasheet
83Kb / 1P
   WILMAR??Protective Relays - 700 Series
logo
List of Unclassifed Man...
721 ETC2-721 Datasheet
170Kb / 1P
   Wiha Sockets
721-00012 ETC2-721-00012 Datasheet
819Kb / 16P
   Eddie Robot Platform
721-00013 ETC2-721-00013 Datasheet
819Kb / 16P
   Eddie Robot Platform
721-00014 ETC2-721-00014 Datasheet
819Kb / 16P
   Eddie Robot Platform
More results

Similar Description - 72173

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5504DC VISHAY-SI5504DC Datasheet
65Kb / 7P
   Complementary 30-V (D-S) MOSFET
Rev. B, 05-Aug-02
SI1539DL VISHAY-SI1539DL Datasheet
67Kb / 7P
   Complementary 30-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI7501DN-T1-E3 VISHAY-SI7501DN-T1-E3 Datasheet
565Kb / 15P
   Complementary 30-V (D-S) MOSFET
Rev. D, 07-Jul-08
SI5504DC VISHAY-SI5504DC_V01 Datasheet
125Kb / 8P
   Complementary 30 V (D-S) MOSFET
18-Jul-08
SI7501DN VISHAY-SI7501DN Datasheet
120Kb / 9P
   Complementary 30-V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
KI1539DL KEXIN-KI1539DL Datasheet
55Kb / 2P
   Complementary 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI1539DL VISHAY-SI1539DL_08 Datasheet
88Kb / 8P
   Complementary 30-V (D-S) MOSFET
S-21374-Rev. B, 12-Aug-02
logo
Guangdong Kexin Industr...
KI5504DC KEXIN-KI5504DC Datasheet
70Kb / 2P
   Complementary 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI1539DL VISHAY-SI1539DL_V01 Datasheet
127Kb / 8P
   Complementary 30 V (G-S) MOSFET
01-Jan-2022
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com