Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0014441212 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0014441212
Description  2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0014441212 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0014441212_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0014441212_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/24/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0014441212
Status:
Active
Overview:
SL™ Modular Connectors
Description:
2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Male, Single Row,
Version D, Back Ribs, for Wire Size 24 AWG, 0.38µm Gold (Au), 12 Circuits
Documents:
3D Model
Packaging Specification PK-70873-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-70400-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
70475
Comments
Terminals Preloaded
Component Type
Housing
Glow-Wire Compliant
No
Overview
SL™ Modular Connectors
Product Name
SL™
UPC
800753605756
Physical
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Black
Durability (mating cycles max)
50
Entry Angle
Vertical
Flammability
94V-0
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester Alloy
Net Weight
2.323/g
Number of Rows
1
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Polarized to Mating Part
No
Stackable
Yes
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
IDT or Pierce
Wire Insulation Diameter
1.35mm max.
Wire Size AWG
24
Wire/Cable Type
Discrete Wire, Ribbon Cable
Electrical
Current - Maximum per Contact
3.0A
Voltage - Maximum
250V
Material Info
Engineering Number
A-70475-0606
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
70475 Series
Mates With
70004 Interim Clip (Single Row), 70013
Interim Clip (Dual Row)
Use With
7307 Tinned 28AWG, 7767 Topcoat
28AWG, 24241 Tinned 26AWG, 8996
Topcoat 26AWG, 24226 Tinned 24AWG,
8997 Topcoat 24AWG, 24369 High Flex
26AWG, 24389 High Flex 24AWG


Similar Part No. - 0014441212_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0014441212 MOLEX1-0014441212_17 Datasheet
48Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row,
More results

Similar Description - 0014441212_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0014441205 MOLEX1-0014441205_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014441605 MOLEX1-0014441605_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014441606 MOLEX1-0014441606_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014442113 MOLEX1-0014442113_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014441204 MOLEX1-0014441204_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014441614 MOLEX1-0014441614_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014450210 MOLEX1-0014450210_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014450211 MOLEX1-0014450211_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014450220 MOLEX1-0014450220_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014450223 MOLEX1-0014450223_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014450603 MOLEX1-0014450603_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com