Electronic Components Datasheet Search |
|
CS20L100CT-A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation |
|
CS20L100CT-A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation |
1 / 3 page 1 ■ Features ■ Mechanical data ■ Maximum ratings and electrical characteristics O Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Low forward voltage drop. • Excellent high temperature stability. • Fast switching capability. • Lead-free parts meet environmental standards of • MIL-STD-19500 /228 CS20L100CT-A Forward voltage drop (per diode) Reverse current (per diode) Parameter Note : 1.Thermal resistance from junction to case per leg, with heatsink size(1.35" x 0.95" x 0.18") Al-plate. I O I F S M I R R M T , T J S T G Forward rectified current (total device) Forward surge current (per diode) Thermal resistance(1) (per diode) Operating and Storage temperature Parameter 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Conditions Symbol CS20L100CT-A UNIT -55 ~ +150 20 250 A A O C/W O C 2 R θ J C Junction to case Peak repetitive reverse surge current A 2us - 1kHz 3 Marking code CS20L100CT DC blocking voltage Working peak reverse voltage Peak repetitive reverse voltage V R M V RW M V R R M 100 V V F I R O V = V T = 25 C R R R M J O V = V T = 125 C R R R M J Conditions Symbol TYP. UNIT 20 0.1 mV mA MIN. MAX. O I = 10A, T = 25 C F J O I = 10A, T = 125 C F J 640 750 O I = 20A, T = 25 C F J 850 (per diode) Document ID : DS-11K9Z Revised Date : 2015/12/16 Revision : C6 • Epoxy : UL94-V0 rated flame retardant. . • Case : JEDEC TO-220AB molded plastic body • Terminals : Solder plated, solderable per MIL-STD-750, Method 2026. ed. • Polarity: As mark . • Mounting Position : Any . • Weight : Approximated 2.25 gram ■ Outline TO-220AB symbol Dimensions in inches(millimeters) A B C D E F G H I J K L M N ØP Min Max 0.398(10.1) 0.406(10.3) 0.236(6.0) 0.252(6.4) 0.579(14.7) 0.594(15.1) 0.543(13.8) 0.551(14.0) 0.143(3.63) 0.159(4.03) 0.104(2.64) 0.112(2.84) 0.335(8.5) 0.350(8.9) 0.046(1.17) 0.054(1.37) 0.028(0.71) 0.036(0.91) 0.098(2.49) 0.102(2.59) 0.176(4.47) 0.184(4.67) 0.046(1.17) 0.054(1.37) 0.102(2.6) 0.110(2.8) 0.019(0.28) 0.021(0.48) 0.147(3.74) 0.155(3.94) symbol Dimensions in inches(millimeters) A B C D E F G H I J K L M N ØP Min Max 0.394(10.0) 0.413(10.5) 0.228(5.8) 0.268(6.8) 0.570(14.48) 0.625(15.87) 0.519(13.18) 0.558(14.18) 0.089(3.5) 0.099(3.9) 0.100(2.54) 0.120(3.04) 0.330(8.38) 0.350(8.9) 0.045(1.15) 0.060(1.52) 0.029(0.75) 0.037(0.95) 0.095(2.42) 0.105(2.66) 0.160(4.07) 0.190(4.82) 0.045(1.15) 0.055(1.39) 0.080(2.04) 0.110(2.8) 0.013(0.33) 0.019(0.52) 0.148(3.75) 0.156(3.95) Alternate Marking code A ØP B 1 2 3 J L C D E F G H I K M N Marking code A ØP B 1 2 3 J L C D E F G H I K M N C PIN 1 PIN 3 PIN 2 Dimensions in inches and (millimeters) 590 Main Product Characteristics I F ( AV ) 2x10A V R R M T J V ( Ty p ) 100V O 150 C 0.59V Chip Integration Technology Corporation Super Low Barrier High Voltage Power Rectifier |
Similar Part No. - CS20L100CT-A |
|
Similar Description - CS20L100CT-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |