Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS20L150CT-A Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # CS20L150CT-A
Description  20A MOS Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CS20L150CT-A Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  CS20L150CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CS20L150CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CS20L150CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Document ID : DS-11KBP
Revised Date : 2015/08/05
Revision : C6
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
CITC reserves the right to make changes to this document and its products and specifi cations at any
time without notice.
Customers should obtain and confi rm the latest product information and specifi cations before fi nal
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
■ Ordering / Packing Information
Part number
Case
CS20L150CT-A
Q'TY/Tube (PCS)
Q'TY/Box (PCS)
Q'TY/Carton (PCS)
CS20L150CTG-A
TO-220AB
50
1000
5000
Notes: 1. For packaging details please reference our website at http://www.citcorp .com.tw/tchinese /products /index.php
Notes:
CS20L150CT : Product type marking code
: CITC Logo
■ Marking Information
CS20L150CT
Halogen
Halogen free
CS20L150CT-A
Chip Integration Technology Corporation
20A MOS Schottky Rectifier


Similar Part No. - CS20L150CT-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CS20L150CT CITC-CS20L150CT Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results

Similar Description - CS20L150CT-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSF20L150CT-A CITC-CSF20L150CT-A Datasheet
507Kb / 3P
   20A MOS Schottky Rectifier
CSF2045CT-A CITC-CSF2045CT-A Datasheet
506Kb / 3P
   20A MOS Schottky Rectifier
CS20S45CT-A CITC-CS20S45CT-A Datasheet
506Kb / 3P
   20A MOS Schottky Rectifier
CSF20S45CT-A CITC-CSF20S45CT-A Datasheet
506Kb / 3P
   20A MOS Schottky Rectifier
logo
PFC Device Inc.
PFR20L150CT PFC-PFR20L150CT Datasheet
775Kb / 7P
   20A 150V MOS Schottky Rectifier
PFR20V200CT PFC-PFR20V200CT Datasheet
775Kb / 7P
   20A 200V MOS Schottky Rectifier
PFR20200PT PFC-PFR20200PT Datasheet
660Kb / 6P
   20A 200V MOS Schottky Rectifier
PFR20300CT PFC-PFR20300CT Datasheet
780Kb / 7P
   20A 300V MOS Schottky Rectifier
P20L45E PFC-P20L45E Datasheet
632Kb / 6P
   20A 45V MOS Schottky Rectifier
P20L60SP PFC-P20L60SP Datasheet
724Kb / 5P
   20A 60V MOS Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com