Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS40L60CT-A Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CS40L60CT-A
Description  40A Low Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CS40L60CT-A Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CS40L60CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CS40L60CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CS40L60CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Reverse Voltage,V (V)
R
Fig. 2 - Instantaneous Forward
Characteristics (per diode)
Fig. 3 - Reverse Characteristics (per diode)
Instantaneous Forward Voltage,V (Volts)
F
40A Low Barrier Diode
Fig.4 - Forward Current Derating Curve(per diode)
0
25
50
75
100
125
150
175
O
Ambient Temperature,T ( C)
A
15
10
5
single phase half wave 60Hz
resistive or inductive load
0
10
20
30
40
50
60
1000
1
0.1
0.01
10
100
O
T =25 C
A
O
T =15
0 C
A
O
T =125 C
A
O
T =75 C
A
O
T =50 C
A
O
T =100 C
A
100
10
1
0.1
0.01
0
100
200
300
400
500
600
T =25°C
A
T =75°C
A
T =150°C
A
T =100°C
A
T =50°C
A
T =125°C
A
CS40L60CT-A
Document ID : DS-11KH1
Revised Date : 2015/07/09
Revision : C


Similar Part No. - CS40L60CT-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CS40L100CT-A CITC-CS40L100CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS40L45CT-A CITC-CS40L45CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results

Similar Description - CS40L60CT-A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SC3S12040B RECTRON-SC3S12040B Datasheet
586Kb / 5P
   1200v/40A Silicon Carbide Power Schottky Barrier Diode
logo
Diodes Incorporated
SBL4030PT DIODES-SBL4030PT_1 Datasheet
71Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. 3 - 2
logo
Frontier Electronics.
MBR4040CT FRONTIER-MBR4040CT Datasheet
524Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SBL4030PT DIODES-SBL4030PT Datasheet
54Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. A-2
MBR4030PT DIODES-MBR4030PT_15 Datasheet
69Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
PS40U150CT CHONGQING-PS40U150CT Datasheet
212Kb / 1P
   40A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBR4030PT DIODES-MBR4030PT_1 Datasheet
63Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. 8 - 2
logo
SeCoS Halbleitertechnol...
SBL40U120F SECOS-SBL40U120F Datasheet
268Kb / 2P
   120V, 40A Low VF Trench Barrier Schottky Rectifier
logo
Diodes Incorporated
MBR4030PT DIODES-MBR4030PT Datasheet
89Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. E-2
SBL4030PT DIODES-SBL4030PT_15 Datasheet
67Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com