Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

357J-12610 Datasheet(PDF) 2 Page - DDK Ltd.

Part # 357J-12610
Description  DeviceNet Mini-Style Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

357J-12610 Datasheet(HTML) 2 Page - DDK Ltd.

  357J-12610 Datasheet HTML 1Page - DDK Ltd. 357J-12610 Datasheet HTML 2Page - DDK Ltd. 357J-12610 Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unit:mm
http://www.ddknet.co.jp
CM03 Series
2
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
Configuratin of Connectors for Crimp Contacts
P/N : CM03-J-PC
P/N : CM03-P-SC
Plug
(With Socket Contacts)
Jack
(With Pin Contacts)
・4 pieces or 5 pieces of unassembled socket contacts to be supplied together with connectors
・Crimp termination type.
・4 pieces or 5 pieces of unassembled socket contacts to be supplied together with connectors
・Crimp termination type.
Item
P/N
    A Set of Crimp Tool
 357J-22483
 Contents
Hand Tool
 357J-12610
Locator
357J-22484
Inspection Gauge for AWG18
357J-22276-1
Inspection Gauge for AWG14
357J-22276-2
・A crimp tool should is be needed for plugs and jacks.
Pin Contacts
Socket Contacts
(75)
24
7
8-16UN-2A
7
24
(75)
8-16UN-2A
7
24
8-16UN-2A
(78)
7
(78)
24
8-16UN-2A
28.5
26.45
P/N : CM03-P4S
P/N : CM03-P5S
P/N : CM03-J5P
P/N : CM03-J4P
(4 positions for power)
(4 positions for power)
(5 positions for signal)
(5 positions for signal)
(Flat surfaces for
spanner wrench)
(Flat surfaces for
spanner wrench)
(Flat surfaces for
spanner wrench)
(Flat surfaces for
spanner wrench)
◆ CONFIGURATION OF CRIMP CONTACTS
◆ CRIMP TOOL


Similar Part No. - 357J-12610

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
357J-53103T DDK-357J-53103T Datasheet
273Kb / 3P
   AISG standard IEC60130-9 Connector
357J-53104T DDK-357J-53104T Datasheet
273Kb / 3P
   AISG standard IEC60130-9 Connector
More results

Similar Description - 357J-12610

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM03A DDK-CM03A Datasheet
292Kb / 5P
   DeviceNet Mini-style Connectors
CM03A-R4P-S DDK-CM03A-R4P-S Datasheet
727Kb / 2P
   DeviceNet Mini-Style Connectors
CM03 DDK-CM03 Datasheet
234Kb / 3P
   DeviceNet Mini-Style Connectors
CM03AA-P4S-010 DDK-CM03AA-P4S-010 Datasheet
1Mb / 5P
   DeviceNet Mini-style Connectors
CM03A DDK-CM03A_1 Datasheet
146Kb / 2P
   DeviceNet Mini-Style Connectors
CM02BA-8DP5S-010 DDK-CM02BA-8DP5S-010 Datasheet
731Kb / 3P
   DeviceNet Micro-Style Connectors
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
797Kb / 6P
   DeviceNet Micro-Style Connectors
CM02 DDK-CM02 Datasheet
301Kb / 6P
   DeviceNet Micro-Style Connectors
CM02B DDK-CM02B Datasheet
216Kb / 3P
   DeviceNet Micro-Style Connectors
logo
Molex Electronics Ltd.
130025-0073 MOLEX11-130025-0073 Datasheet
33Kb / 2P
   DeviceNet Thick Stranded Cable, Double Ended Mini-Change
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com