Electronic Components Datasheet Search |
|
WEBR1310MZGS-D Datasheet(PDF) 2 Page - DDK Ltd. |
|
WEBR1310MZGS-D Datasheet(HTML) 2 Page - DDK Ltd. |
2 / 8 page http://www.ddknet.co.jp WEB Series 2 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated. ○ Insert Arrangement List Number of Contacts 3 4 5 7 Shell Size 13 21 13 16 21 Insert Arrnagement Insert No. 1303 2104 1305 1607 2107 θ 1 θ 2 θ 3 XY Z 13 3 30 ゜ 60° 180° 5 45° 90° 315° 16 7 30° 135° 10 45° 90° 315° 21 4 30° 135° 7 30° 135° 10 45° 90° 315° 16 45° 90° 315° 19 45° 90° 315° 25 16 45° 90° 315° 24 45° 90° 315° 28 45° 90° 315° 32 45° 90° 315° Number of Contacts 24 28 32 Shell Size 25 25 25 Insert Arrnagement Insert No. 2524 2528 2532 ●・・・φ 1.0mm Contact (#20 Contact) ○・・・φ 1.6mm Contact (#16 Contact) Note : Front view of pin insert or rear view of socket insert Normal key position illustrated. Shell Size Number of Contacts Change Angle - 6 0 1 0 0 1 θ3 Z Y X θ1 12 3 45 6 7 89 10 Master Key Alternate Position Mark Pin Contact ○Alternate Insert Positions 1 3 2 1 3 4 2 4 1 3 5 2 4 12 3 56 7 8 9 14 15 16 10 11 12 13 4 1 35 6 7 2 4 12 3 56 7 8 9 14 15 16 10 11 12 13 1 3 4 67 5 2 12 3 4 56 7 8 9 10 11 12 14 15 16 13 18 19 17 4 1 56 7 2 3 89 10 A BC D 14 23 21 24 22 23 10 11 14 15 12 13 58 9 67 16 19 20 18 17 14 21 24 58 9 10 11 14 15 16 19 20 23 22 23 67 12 13 18 17 4 1 567 23 89 10 1 4 2 31 32 3 21 24 25 22 23 10 11 14 15 12 13 5 8 9 67 27 26 28 29 30 16 19 20 18 17 Number of Contacts 10 16 19 Shell Size 16 21 21 25 21 Insert Arrnagement Insert No. 1610 2110 2116 2516 2119 Front View of Pin Insert or Rear View of Socket Insert AIternate Insert Position |
Similar Part No. - WEBR1310MZGS-D |
|
Similar Description - WEBR1310MZGS-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |