Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-LNB Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-LNB
Description  18-BIT OPTO ENCODER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LNB Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-LNB Datasheet HTML 5Page - IC-Haus GmbH IC-LNB Datasheet HTML 6Page - IC-Haus GmbH IC-LNB Datasheet HTML 7Page - IC-Haus GmbH IC-LNB Datasheet HTML 8Page - IC-Haus GmbH IC-LNB Datasheet HTML 9Page - IC-Haus GmbH IC-LNB Datasheet HTML 10Page - IC-Haus GmbH IC-LNB Datasheet HTML 11Page - IC-Haus GmbH IC-LNB Datasheet HTML 12Page - IC-Haus GmbH IC-LNB Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
preliminary
preliminary
iC-LNB 18-BIT OPTO ENCODER
WITH SPI AND SER/PAR INTERFACES
Rev B2, Page 9/37
ELECTRICAL CHARACTERISTICS
Operating conditions: VDDA = 4 V to 5.5 V, VDD = 3 V to 5.5 V, GNDA = GND, Tj = -40 °C to 125 °C, unless otherwise specified.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001 VDDA
Permissible Supply Voltage
4
5
5.5
V
002 VDD
Permissible I/O Supply Voltage
VDD ≤ VDDA
3
5
5.5
V
003 VDDA,
VDD
Permissible Supply Voltage Rip-
ple
at 150 kHz
10
mV
004 I(VDDA),
I(VDD)
Supply Current in VDDA and
VDD (sum)
without currents I(LED) and I(ERR), Tj = 27 °C
25
40
mA
005 Vcz()hi
Clamp Voltage hi at all Pins
I() = 4 mA
11
V
006 Vc()hi
Clamp Voltage hi at
CLK, DIN, NSL, INCA, INCB,
INCZ, ERR, DIR, MISO, DOUT,
POK, XJD, GA, GB, TPS, TNS,
TPC, TNC
Vc()hi = V() − V(VDD),
I() = 4 mA
0.3
1.2
V
007 Vc()hi
Clamp Voltage hi at
CS, MOSI, SCK
Vc()hi = V() − V(VDD),
I() = 4 mA
1.2
2.2
V
008 Vc()lo
Clamp Voltage lo at all Pins
I() = -4 mA
-1.2
-0.3
V
Photodiodes
101 Se(λ)
Spectral Application Range
Se(λ) = 0.25 x S(λ)max
400
950
nm
102 S(λ)max
Spectral Sensitivity
λ
= 690 nm
0.45
A/W
103 S(λ)
Spectral Sensitivity
λ
= 850 nm
0.30
A/W
104 Aph()
Radiant Sensitive Area DPSIN,
DNSIN, DPCOS, DNCOS
0.5 mm x 0.25 mm
0.125
mm2
105 Aph()
Radiant Sensitive Area Digital
DA1VP, DA1VN, DA1NP, DA1NN,
DA2V ... DA10V, DA2N ... DA10N
0.35 mm x 0.2 mm
0.07
mm2
Photocurrent Amplifier
201 Iph()
Permissible Photocurrent
Operating Range
0
200
nA
202 Z()
Equivalent Transimpedance Gain Z() = Vout() / Iph()
1.8
3.0
4.2
MΩ
203 ∆Z()pn
Transimpedance Gain Matching
of an Amplifier Pair
P-channel versus corresponding N-channel
-0.2
0.2
%
204 fhc()
Upper Cut-off Frequency (-3 dB) without LED current control
120
300
500
kHz
205 VR()
Ratio of Reference Voltage Dig-
ital Tracks (Vcomp) to Sum of
Digital Track 1
VR() =
Vcomp
VA1VP + VA1VN + VA1NP + VA1NN
0.25
206 Hys()
Hysteresis Digital Tracks
5
15
25
mV
207 GR()
Coarse Gain Range Analog
Track
GR = 0x00
1
GR = 0x01
1.33
GR = 0x02
1.6
GR = 0x03
2
208 Vref
Reference Voltage of Photocur-
rent Amplifiers
0.6
0.8
1
V
209 ∆Vd()sc
Analog Track Dark Signal Voltage
versus Vref
Vd()sc = V() - Vref
-20
20
mV
210 ∆Vd()dig
Digital Tracks Dark Signal Volt-
age versus Vref
Vd()dig = V() - Vref
-35
35
mV
Signal Conditioning Sin/Cos
301 Gmin
Adjustable Minimum Gain
GS, GC = 0x00
1
302 Gmax
Adjustable Maximum Gain
GS, GC = 0x3F
2
303 ∆Gdiff
Differential Gain Calibration
Accuracy
calibration range 6 bit
-0.5
0.5
LSB
304 Omin
Offset Calibration Min
OSP, OSN, OCP, OCN = 0x00
43
45
47
%VDDA
305 Omax
Offset Calibration Max
OSP, OSN, OCP, OCN = 0x7F
53
55
57
%VDDA
306 ∆Odiff
Differential Offset Calibration
Accuracy
calibration range 7 bit
0.02
0.08
0.12
%VDDA


Similar Part No. - IC-LNB

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LNB ICHAUS-IC-LNB Datasheet
471Kb / 2P
   18-BIT OPTICAL ENCODER WITH SPI AND SERIAL/PARALLEL OUTPUTS
IC-LNB ICHAUS-IC-LNB Datasheet
1Mb / 35P
   18-BIT OPTO ENCODER WITH SPI AND SER/PAR INTERFACES
IC-LNB ICHAUS-IC-LNB_13 Datasheet
1Mb / 35P
   18-BIT OPTO ENCODER WITH SPI AND SER/PAR INTERFACES
More results

Similar Description - IC-LNB

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LV ICHAUS-IC-LV_16 Datasheet
468Kb / 15P
   5-BIT OPTO ENCODER
IC-OV ICHAUS-IC-OV Datasheet
412Kb / 9P
   5-BIT OPTO ENCODER
IC-LV ICHAUS-IC-LV Datasheet
196Kb / 12P
   5-BIT OPTO ENCODER
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
IC-OF ICHAUS-IC-OF Datasheet
143Kb / 6P
   3-BIT OPTO ENCODER
IC-LNB ICHAUS-IC-LNB_13 Datasheet
1Mb / 35P
   18-BIT OPTO ENCODER WITH SPI AND SER/PAR INTERFACES
IC-OG ICHAUS-IC-OG_12 Datasheet
567Kb / 10P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OG ICHAUS-IC-OG Datasheet
216Kb / 9P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
   14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OW ICHAUS-IC-OW Datasheet
243Kb / 7P
   INCREMENTAL OPTO ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com