Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-LNB Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-LNB
Description  18-BIT OPTO ENCODER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LNB Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-LNB Datasheet HTML 1Page - IC-Haus GmbH IC-LNB Datasheet HTML 2Page - IC-Haus GmbH IC-LNB Datasheet HTML 3Page - IC-Haus GmbH IC-LNB Datasheet HTML 4Page - IC-Haus GmbH IC-LNB Datasheet HTML 5Page - IC-Haus GmbH IC-LNB Datasheet HTML 6Page - IC-Haus GmbH IC-LNB Datasheet HTML 7Page - IC-Haus GmbH IC-LNB Datasheet HTML 8Page - IC-Haus GmbH IC-LNB Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
preliminary
preliminary
iC-LNB 18-BIT OPTO ENCODER
WITH SPI AND SER/PAR INTERFACES
Rev B2, Page 2/37
DESCRIPTION
iC-LNB is an optoelectronic encoder IC for absolute
linear and angle measuring systems, such as glass
scales and encoders. Photodiodes, amplifiers, and
comparators, the entire signal conditioning unit, and
interfaces for position data output have been mono-
lithically integrated into the device.
An integrated LED current control with a driver stage
allows a transmitting LED to be directly connected
(e.g. iC-SN85). The optical receive power is kept
constant by the control unit, regardless of tempera-
ture and aging effects. The receive power setpoint
can be programmed. Should the LED current control
exceed its operating range, this is indicated at the
error message output (end-of-life alarm at pin ERR).
The photocurrent offset and photocurrent amplitude
of the analog sine/cosine signals can be calibrated.
These calibrated voltage signals are lead out to pins
PSIN, NSIN, PCOS, and NCOS and are used by the
integrated 8-bit vector-tracking interpolation circuit.
iC-LNB synchronizes the interpolator and singleturn
data to form a contiguous Gray-coded position data
word. 16 parallel ports, a scalable shift-register, the
SPI interface, as well as incremental A/B/Z signals
are available for data output. By help of the unique
’FlexCount’ circuit any angle resolution between 4 to
218 angle steps per revolution can be preset for the
incremental signals and the absolute position value.
After startup iC-LNB is configured using the SPI inter-
face. To make connection to a 3.3 V microcontroller
easier, all digital I/O ports, including the SPI, can be
run on 3.3 V.


Similar Part No. - IC-LNB

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LNB ICHAUS-IC-LNB Datasheet
471Kb / 2P
   18-BIT OPTICAL ENCODER WITH SPI AND SERIAL/PARALLEL OUTPUTS
IC-LNB ICHAUS-IC-LNB Datasheet
1Mb / 35P
   18-BIT OPTO ENCODER WITH SPI AND SER/PAR INTERFACES
IC-LNB ICHAUS-IC-LNB_13 Datasheet
1Mb / 35P
   18-BIT OPTO ENCODER WITH SPI AND SER/PAR INTERFACES
More results

Similar Description - IC-LNB

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LV ICHAUS-IC-LV_16 Datasheet
468Kb / 15P
   5-BIT OPTO ENCODER
IC-OV ICHAUS-IC-OV Datasheet
412Kb / 9P
   5-BIT OPTO ENCODER
IC-LV ICHAUS-IC-LV Datasheet
196Kb / 12P
   5-BIT OPTO ENCODER
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
IC-OF ICHAUS-IC-OF Datasheet
143Kb / 6P
   3-BIT OPTO ENCODER
IC-LNB ICHAUS-IC-LNB_13 Datasheet
1Mb / 35P
   18-BIT OPTO ENCODER WITH SPI AND SER/PAR INTERFACES
IC-OG ICHAUS-IC-OG_12 Datasheet
567Kb / 10P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OG ICHAUS-IC-OG Datasheet
216Kb / 9P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
   14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OW ICHAUS-IC-OW Datasheet
243Kb / 7P
   INCREMENTAL OPTO ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com