Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-LSC Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-LSC
Description  12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSC Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-LSC_13 Datasheet HTML 1Page - IC-Haus GmbH IC-LSC_13 Datasheet HTML 2Page - IC-Haus GmbH IC-LSC_13 Datasheet HTML 3Page - IC-Haus GmbH IC-LSC_13 Datasheet HTML 4Page - IC-Haus GmbH IC-LSC_13 Datasheet HTML 5Page - IC-Haus GmbH IC-LSC_13 Datasheet HTML 6Page - IC-Haus GmbH IC-LSC_13 Datasheet HTML 7Page - IC-Haus GmbH IC-LSC_13 Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
iC-LSC
12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
Rev C3, Page 1/8
FEATURES
o Monolithic array of independent photosensors with excellent
matching
o Compact photosensor size of 800 µm x 300 µm enabling
high-quality encoder scanning at reduced system dimensions
o Narrow track pitch of 0.42 mm cuts down illumination efforts
o Enhanced EMI immunity due to on-chip pre-amplification
o Dark current compensation permits high temperature
operation
o Open-collector outputs as highside current source
o Simple gain setting and current-to-voltage conversion by
external load resistors
o Single supply operation from 4 V to 5.5 V
o Low power consumption
o Space saving, RoHS compliant optoQFN and optoBGA
packages
o Options: extended temperature range of -40 °C to 125 °C,
customized COB modules, reticles and code discs
APPLICATIONS
o Optical position encoding from
analog sine/cosine signals
o Incremental encoders with index
signal
o Motor commutation encoders
PACKAGES
drc_ls2c_pack_2, 4.8:1
14-pin optoBGA
6.2 mm x 5.2 mm
RoHS compliant
32-pin optoQFN
5 mm x 5 mm / 0.9 mm
RoHS compliant
BLOCK DIAGRAM
Copyright © 2006, 2013 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-LSC_13

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSCCHIP ICHAUS-IC-LSCCHIP Datasheet
336Kb / 7P
   -CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSCOBGALS2C ICHAUS-IC-LSCOBGALS2C Datasheet
336Kb / 7P
   -CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSCOBGALS2C-LSCXR ICHAUS-IC-LSCOBGALS2C-LSCXR Datasheet
336Kb / 7P
   -CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSCOQFN32-N5X5 ICHAUS-IC-LSCOQFN32-N5X5 Datasheet
336Kb / 7P
   -CHANNEL ACTIVE PHOTOSENSOR ARRAY
More results

Similar Description - IC-LSC_13

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSC ICHAUS-IC-LSC Datasheet
336Kb / 7P
   -CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSB ICHAUS-IC-LSB Datasheet
286Kb / 7P
   8-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSHB ICHAUS-IC-LSHB Datasheet
297Kb / 8P
   INCREMENTAL PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC Datasheet
368Kb / 7P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-LSHB ICHAUS-IC-LSHB_17 Datasheet
622Kb / 9P
   INCREMENTAL PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Hamamatsu Corporation
C9051 HAMAMATSU-C9051 Datasheet
142Kb / 2P
   Photosensor amplifier
C2719 HAMAMATSU-C2719 Datasheet
477Kb / 6P
   Photosensor amplifier
logo
Panasonic Semiconductor
ON2175 PANASONIC-ON2175 Datasheet
28Kb / 1P
   Reflective Photosensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com