Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MHA Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-MHA
Description  ANALOG ANGULAR HALL SENSOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MHA Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-MHA_14 Datasheet HTML 1Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 2Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 3Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 4Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 5Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 6Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 7Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 8Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
prel
imin
ary
prel
imin
ary
iC-MHA
ANALOG ANGULAR HALL SENSOR
Rev B2, Page 2/10
DESCRIPTION
The iC-MHA is a position sensor with integrated Hall
sensors for scanning a permanent magnet. The sig-
nal conditioning unit generates constant-amplitude
sine and cosine voltages that can be used for angle
calculation.
Sine and cosine signals are availabe via line driver
outputs (100 Ω load)
PACKAGING INFORMATION QFN28 5 x5 mm² to JEDEC MO-220-VHHD-1
PIN CONFIGURATION QFN28 5 x 5mm²
MHA
22
23
24
25
26
27
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
21
20
19
18
17
16
15
PT1
NERR
VPA
VNA1
nc
nc
nc
nc
nc
nc
nc
VPD
VND
C221110
PCOUT
PSOUT NSOUT
NCOUT
PT12
PT22
PT15
PT16
PT17
PT20
PT21
PT7
PT6
PT5
VNA2
PIN FUNCTIONS
No.
Name
Function
2 NERR
Error Output (active low)
3 VPA
+5 V Analog Supply Voltage
4,13 VNA1, VNA2 Analog Ground
10 PCOUT
Positive Cosine Output
11 NCOUT
Negative Cosine Output
18 VND
Digital Ground
19 VPD
+5 V Digital Supply Voltage
25 NSOUT
Negative Sine Output
26 PSOUT
Positive Sine Output
TP
Thermal-Pad
8,9 nc
not connected
14 nc
not connected
23,24 nc
not connected
27,28 nc
not connected
Pins for device test and
factory calibration:
1 PT1
connect to VND
5 PT5
connect to VND
6 PT6
connect to VPD
7 PT7
do not connect (leave open)
12 PT12
connect to VND
15 PT15
do not connect (leave open)
16 PT16
do not connect (leave open)
17 PT17
do not connect (leave open)
20 PT20
do not connect (leave open)
21 PT21
do not connect (leave open)
22 PT22
do not connect (leave open)
The Thermal Pad is to be connected to VNA1, VNA2 and heat sink area.
Orientation of package marking is subject to alteration (
MHA code etc.).


Similar Part No. - IC-MHA_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MHA ICHAUS-IC-MHA Datasheet
296Kb / 2P
   HALL ANGLE ENCODER WITH SIN/COS OUTPUTS
More results

Similar Description - IC-MHA_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
   ANGULAR HALL SENSOR
IC-MA ICHAUS-IC-MA Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
IC-MA ICHAUS-IC-MA_14 Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
logo
Standex Electronics, In...
MFM7-APS180-LACD4 STANDEX-MFM7-APS180-LACD4 Datasheet
747Kb / 3P
   Angular Position Sensor
Rev ADB
logo
IC-Haus GmbH
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH_17 Datasheet
666Kb / 26P
   12-BIT ANGULAR HALL ENCODER
logo
Standex Electronics, In...
A63-APS360-LACB1E STANDEX-A63-APS360-LACB1E Datasheet
704Kb / 3P
   Angular Position Sensor
Rev ACA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com