Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MHA Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-MHA
Description  ANALOG ANGULAR HALL SENSOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MHA Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-MHA_14 Datasheet HTML 1Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 2Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 3Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 4Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 5Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 6Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 7Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 8Page - IC-Haus GmbH IC-MHA_14 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
prel
imin
ary
prel
imin
ary
iC-MHA
ANALOG ANGULAR HALL SENSOR
Rev B2, Page 4/10
ABSOLUTE MAXIMUM RATINGS
These ratings do not imply operating conditions; functional operation is not guaranteed. Beyond these ratings device damage may occur.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 V()
Voltages at VPA, VPD
-0.3
6
V
G002 V(PT12)
Voltage at PT12
-0.3
8
V
G003 V()
Voltages at NERR, PSOUT, NSOUT,
PCOUT, NCOUT, PT1, PT5, PT6, PT7,
PT15, PT16, PT17, PT20, PT21, PT22
-0.3
6
V
G004 I()
Current in VPA
-10
20
mA
G005 I()
Current in VPD
-20
200
mA
G006 I()
Current in NERR, PT1, PT5, PT6, PT7,
PT15, PT16, PT17, PT20, PT21, PT22
-10
10
mA
G007 I()
Current in PSOUT, NSOUT, PCOUT,
NCOUT
-50
50
mA
G008 Vd()
ESD Susceptibility at all pins
HBM 100 pF discharged through 1.5 kΩ
2
kV
G009 Tj
Junction Temperature
-40
150
C
G010 Ts
Storage Temperature
-40
150
C
THERMAL DATA
Operating conditions: VPA = VPD = 5 V ±10 %
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
-40
125
C
T02
Rthja
Thermal Resistance Chip to Ambient
surface mounted to PCB,
thermal pad linked to cooling area of
40
K/W
approx. 2 cm²
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.


Similar Part No. - IC-MHA_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MHA ICHAUS-IC-MHA Datasheet
296Kb / 2P
   HALL ANGLE ENCODER WITH SIN/COS OUTPUTS
More results

Similar Description - IC-MHA_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
   ANGULAR HALL SENSOR
IC-MA ICHAUS-IC-MA Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
IC-MA ICHAUS-IC-MA_14 Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
logo
Standex Electronics, In...
MFM7-APS180-LACD4 STANDEX-MFM7-APS180-LACD4 Datasheet
747Kb / 3P
   Angular Position Sensor
Rev ADB
logo
IC-Haus GmbH
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH_17 Datasheet
666Kb / 26P
   12-BIT ANGULAR HALL ENCODER
logo
Standex Electronics, In...
A63-APS360-LACB1E STANDEX-A63-APS360-LACB1E Datasheet
704Kb / 3P
   Angular Position Sensor
Rev ACA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com