Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MU Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-MU
Description  MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 1.28MM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MU Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-MU Datasheet HTML 7Page - IC-Haus GmbH IC-MU Datasheet HTML 8Page - IC-Haus GmbH IC-MU Datasheet HTML 9Page - IC-Haus GmbH IC-MU Datasheet HTML 10Page - IC-Haus GmbH IC-MU Datasheet HTML 11Page - IC-Haus GmbH IC-MU Datasheet HTML 12Page - IC-Haus GmbH IC-MU Datasheet HTML 13Page - IC-Haus GmbH IC-MU Datasheet HTML 14Page - IC-Haus GmbH IC-MU Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
iC-MU MAGNETIC OFF-AXIS
POSITION ENCODER - POLE WIDTH 1.28MM
Rev D1, Page 11/66
OPERATING REQUIREMENTS: I/O Interface
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
SPI-Interface (Figure 2)
I101 TSCK
Permissible Clock Period
see Elec. Char. No.: 906
1/f()
ns
I102 tNCS
Setup Time:
NCS lo before SCK hi → lo
50
ns
I103 tp1
Propagation Delay:
MISO hi after NCS lo → hi
30
ns
I104 tIS
Setup Time:
MOSI stable before SCK lo → hi
30
ns
I105 tSI
Hold Time:
MOSI stable after SCK lo → hi
30
ns
I106 tp2
Propagation Delay:
MISO stable after SCK hi → lo
30
ns
I107 tCC
Wait Time:
between NCS lo → hi and NCS hi → lo
500
ns
BiSS-Interface (Figure 3,Figure 4)
I108 ttos
Timeout adaptive
typ. tinit
1.5*tMAS 1.5*tMAS +
3*2/fosc
ns
I109 tMAS
Permissible Clock Period
100
2 x ttos
ns
I110 tMASh
Clock Signal Hi Level Duration
50
ttos
ns
I111 tMASl
Clock Signal Lo Level Duration
50
ns
SSI-Interface (Figure 5, Figure 6)
I112 ttos
Timeout adaptive
typ. tinit
1.5*tMAS 1.5*tMAS +
3*2/fosc
I113 tMAS
Permissible Clock Period
250
2 x ttos
ns
I114 tMASh
Clock Signal Hi Level Duration
125
ttos
ns
I115 tMASl
Clock Signal Lo Level Duration
125
ns
Timing SPI
PA1: SCK
PA0: NCS
PA2: MOSI
PA3: MISO
t
CC
t
NCS
tp1
t
IS
t
SI
tp2
T
SCK
Figure 2: Timing SPI interface
Timing BiSS
PA1:MA
PA3:SLO
t
MASl
START
DATA
t
MAS
t
MASh
DATA
t
tos
t
tos
Figure 3: Timing BiSS interface


Similar Part No. - IC-MU

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MU ICHAUS-IC-MU Datasheet
402Kb / 2P
   Magnetic off-axis absolute position encoder
IC-MU ICHAUS-IC-MU Datasheet
2Mb / 59P
   OFF-AXIS NONIUS ENCODER WITH INTEGRATED HALL SENSORS
IC-MU150 ICHAUS-IC-MU150 Datasheet
2Mb / 64P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 1.50MM
IC-MU200 ICHAUS-IC-MU200 Datasheet
2Mb / 65P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 2.00MM
IC-MU ICHAUS-IC-MU_13 Datasheet
2Mb / 59P
   OFF-AXIS NONIUS ENCODER WITH INTEGRATED HALL SENSORS
More results

Similar Description - IC-MU

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MU150 ICHAUS-IC-MU150 Datasheet
2Mb / 64P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 1.50MM
IC-MU200 ICHAUS-IC-MU200 Datasheet
2Mb / 65P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 2.00MM
IC-MU ICHAUS-IC-MU Datasheet
402Kb / 2P
   Magnetic off-axis absolute position encoder
IC-MU ICHAUS-IC-MU_13 Datasheet
2Mb / 59P
   OFF-AXIS NONIUS ENCODER WITH INTEGRATED HALL SENSORS
IC-PVL ICHAUS-IC-PVL Datasheet
1Mb / 33P
   LINEAR/OFF-AXIS BATTERY-BUFFERED HALL MULTITURN ENCODER
logo
ams AG
AS5147 AMSCO-AS5147 Datasheet
739Kb / 35P
   14-Bit On-Axis Magnetic Rotary Position Sensor
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
   Magnetic Rotary Encoder 14-bit Angular Position Sensor
AS5600L AMSCO-AS5600L Datasheet
1Mb / 48P
   12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
2020-May-14
logo
Broadcom Corporation.
AEAT-9922 BOARDCOM-AEAT-9922 Datasheet
1Mb / 25P
   10-Bit to 18-Bit Programmable Angular Magnetic Encoder IC for On- and Off-Axis Applications
July 27, 2021
logo
ams AG
AS5020 AMSCO-AS5020 Datasheet
338Kb / 11P
   6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com