Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-PVL Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-PVL
Description  LINEAR/OFF-AXIS BATTERY-BUFFERED HALL MULTITURN ENCODER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PVL Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-PVL Datasheet HTML 1Page - IC-Haus GmbH IC-PVL Datasheet HTML 2Page - IC-Haus GmbH IC-PVL Datasheet HTML 3Page - IC-Haus GmbH IC-PVL Datasheet HTML 4Page - IC-Haus GmbH IC-PVL Datasheet HTML 5Page - IC-Haus GmbH IC-PVL Datasheet HTML 6Page - IC-Haus GmbH IC-PVL Datasheet HTML 7Page - IC-Haus GmbH IC-PVL Datasheet HTML 8Page - IC-Haus GmbH IC-PVL Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
preliminary
preliminary
iC-PVL LINEAR/OFF-AXIS
BATTERY-BUFFERED HALL MULTITURN ENCODER
Rev B3, Page 4/33
PACKAGING INFORMATION
PIN CONFIGURATION
QFN16 4 mm x 4 mm (top view)
1
2
16
15
14
13
12
11
10
9
8
7
6
5
4
3
<D-CODE>
<A-CODE>
<P-CODE>
PIN FUNCTIONS
No. Name
Function
1 SEL
Mode Select Input1)
Low: Battery buffered counter with serial read-out
High: 3 bit parallel complementary output
Shorted to PRE input : I2C slave mode
2 PRE
Preset Trigger Input
3 NERR
Error Output (active low)
4 SDA
I2C Interface, Data Line
5 GND
Ground
6 VBAT
Battery Supply Voltage Input
(typ. 3.6 V)
7 VDDS
Switched Supply Voltage Output
8 VDD
+3.0 V to 5.5 V Main Supply Voltage
Input
9 N2
Parallel Output Bit 2 (negative logic),
Incremental Output B
10 P2
Parallel Output Bit 2 (positive logic),
Incremental Output A
11 N0
Parallel Output Bit 0 (negative logic)
12 NWRN
Battery Warning Output (active low)
13 DO_P0 Multiturn Interface, Data Output,
Parallel Output Bit 0 (positive logic)
14 CLK_N1 Multiturn Interface, Clock Line,
Parallel Output Bit 1 (negative logic)
15 DI_P1
Multiturn Interface, Data Input,
Parallel Output Bit 1 (positive logic)
16 SCL
I2C Interface, Clock Line
BP
Backside paddle 2)
IC top marking: <P-CODE> = product code, <A-CODE> = assembly code (subject to changes);
1) Do not leave pin open.
2) Connecting the backside paddle is recommended by a single link to GND. A current flow across the paddle is not permissible.


Similar Part No. - IC-PVL

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PV ICHAUS-IC-PV Datasheet
4Mb / 28P
   BATTERY-BUFFERED HALL MULTITURN ENCODER
More results

Similar Description - IC-PVL

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PV ICHAUS-IC-PV Datasheet
4Mb / 28P
   BATTERY-BUFFERED HALL MULTITURN ENCODER
IC-MU ICHAUS-IC-MU_13 Datasheet
2Mb / 59P
   OFF-AXIS NONIUS ENCODER WITH INTEGRATED HALL SENSORS
logo
ams AG
AS5403A AMSCO-AS5403A Datasheet
850Kb / 66P
   3D Hall Position Sensor for Linear and Off-Axis Applications
logo
IC-Haus GmbH
IC-MU ICHAUS-IC-MU Datasheet
402Kb / 2P
   Magnetic off-axis absolute position encoder
logo
Pepperl+Fuchs Inc.
PVM58X PF-PVM58X Datasheet
489Kb / 5P
   Multiturn absolute encoder
CVM58 PF-CVM58 Datasheet
403Kb / 5P
   Multiturn absolute encoder
FVM58 PF-FVM58 Datasheet
314Kb / 6P
   Multiturn absolute encoder
EVM58-IZ PF-EVM58-IZ Datasheet
412Kb / 5P
   Multiturn absolute encoder
AVM58-K PF-AVM58-K Datasheet
413Kb / 8P
   Multiturn absolute encoder
ESM58-TZ PF-ESM58-TZ Datasheet
290Kb / 4P
   Multiturn absolute encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com