Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-TW14 Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-TW14
Description  IC-PMX Companion Chip
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-TW14 Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-TW14 Datasheet HTML 1Page - IC-Haus GmbH IC-TW14 Datasheet HTML 2Page - IC-Haus GmbH IC-TW14 Datasheet HTML 3Page - IC-Haus GmbH IC-TW14 Datasheet HTML 4Page - IC-Haus GmbH IC-TW14 Datasheet HTML 5Page - IC-Haus GmbH IC-TW14 Datasheet HTML 6Page - IC-Haus GmbH IC-TW14 Datasheet HTML 7Page - IC-Haus GmbH IC-TW14 Datasheet HTML 8Page - IC-Haus GmbH IC-TW14 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
iC-TW14
iC-PMX Companion Chip
Rev A1, Page 1/33
FEATURES
Complete processing for iC-PMX-based energy-harvesting
absolute multiturn encoders using Wiegand sensors1
SSI multiturn data output
Interface to iC-PMX (SPI Master and Singleturn Hall signal I/O)
UART Interface for calibration and diagnosis
Adjustable synchronization offset and multiturn preset value
Based on NXP2 S9KEAZN8 microcontroller
Extended temperature range from –40 to +125°C
1 Devices and processes for energy harvesting by Wiegand wire within
position encoders are protected by several worldwide patents (such as
EP1565755B1, US7598733, CA2506408) and require licensing by the
inventors and applicants.
2 NXP is a registered trademark of NXP Semiconductors
APPLICATIONS
Gearless revolution counting
Revolution counting without
batteries
Energy harvesting multiturn
encoders
Absolute end-of-shaft encoders
PACKAGES
QFN24
4 mm x 4 mm
BLOCK DIAGRAM
(SAR)
12 Bit ADC
Power-Down-Reset
iC-TW14
MCL
1
MDI
HON
12
6
NPRE
15
TX
SPI Master
(I/O to iC-PMX)
UART
(I/O for diagnosis)
MT Interface
(set zero Position)
Preset Logic
RDY
4
GND
VDD
3
9
SH
16
RX
14
SCK
7
NCS
5
MRDY
2
23
NRES
VWP
10
MOSI
13
11
HOP
8
MISO
21
CB
Data
Clk
Data Valid
CB
Copyright © 2016 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-TW14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TW11 ICHAUS-IC-TW11 Datasheet
786Kb / 25P
   10-BIT ULTRA LOW POWER MAGNETIC ABSOLUTE ROTARY ENCODER
More results

Similar Description - IC-TW14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX8510 PHILIPS-PNX8510 Datasheet
2Mb / 92P
   Analog companion chip
Rev. 04??2 January 2004
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
logo
Microchip Technology
RE46C800 MICROCHIP-RE46C800 Datasheet
562Kb / 24P
   Carbon Monoxide Detector Companion IC
11/29/12 2013
logo
List of Unclassifed Man...
CY100 ETC-CY100 Datasheet
330Kb / 4P
   Companion IC with 5 V ADC
logo
EPCOS
S1D13A05B00B200 EPCOS-S1D13A05B00B200 Datasheet
1Mb / 184P
   LCD/USB Companion Chip
logo
NEC
UPD31172 NEC-UPD31172 Datasheet
278Kb / 9P
   VRC4172TM COMPANION CHIP FOR VR4121TM
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
List of Unclassifed Man...
ES3207 ETC-ES3207 Datasheet
72Kb / 4P
   Video CD/DVD Companion Chip
logo
Epson Company
S1D13A04 EPSON-S1D13A04 Datasheet
152Kb / 3P
   S1D13A04 LCD/USB Companion Chip
logo
List of Unclassifed Man...
ES3883 ETC-ES3883 Datasheet
38Kb / 4P
   Video CD Companion Chip Product Brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com