Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0014442121 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0014442121
Description  2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0014442121 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0014442121_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0014442121_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0001
Product Specification
PS-70400-001
Sales Drawing
SDA-70475-0946-0969
This document was generated on 09/20/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0014442121_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0014442121 MOLEX1-0014442121_17 Datasheet
48Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row,Version D, Back Ribs, for Wire Size 28 AWG, 0.38關m Gold (Au), 21 Circuits
More results

Similar Description - 0014442121_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0014441205 MOLEX1-0014441205_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014441605 MOLEX1-0014441605_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014441606 MOLEX1-0014441606_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014442113 MOLEX1-0014442113_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014441204 MOLEX1-0014441204_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014441614 MOLEX1-0014441614_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014450210 MOLEX1-0014450210_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014450211 MOLEX1-0014450211_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014450220 MOLEX1-0014450220_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014450223 MOLEX1-0014450223_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014450603 MOLEX1-0014450603_17 Datasheet
38Kb / 2P
   2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com