Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT125PW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVT125PW
Description  3.3 V quad buffer; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT125PW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVT125PW Datasheet HTML 7Page - NXP Semiconductors 74LVT125PW Datasheet HTML 8Page - NXP Semiconductors 74LVT125PW Datasheet HTML 9Page - NXP Semiconductors 74LVT125PW Datasheet HTML 10Page - NXP Semiconductors 74LVT125PW Datasheet HTML 11Page - NXP Semiconductors 74LVT125PW Datasheet HTML 12Page - NXP Semiconductors 74LVT125PW Datasheet HTML 13Page - NXP Semiconductors 74LVT125PW Datasheet HTML 14Page - NXP Semiconductors 74LVT125PW Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
9397 750 14703
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 05 — 10 February 2005
11 of 15
Philips Semiconductors
74LVT125
3.3 V quad buffer; 3-state
Fig 11. Package outline TSSOP14 (SOT402-1)
UNIT
A1
A2
A3
bp
cD (1)
E (2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
5.1
4.9
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.72
0.38
8
0
o
o
0.13
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT402-1
MO-153
99-12-27
03-02-18
w M
b p
D
Z
e
0.25
17
14
8
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
A
max.
1.1
pin 1 index


Similar Part No. - 74LVT125PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT125PW PHILIPS-74LVT125PW Datasheet
87Kb / 10P
   3.3V Quad buffer 3-State
Rev. 05-10 February 2005
74LVT125PW NXP-74LVT125PW Datasheet
106Kb / 16P
   3.3 V quad buffer 3-state
Rev. 06-6 March 2006
logo
Nexperia B.V. All right...
74LVT125PW NEXPERIA-74LVT125PW Datasheet
243Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 8 - 18 August 2021
logo
NXP Semiconductors
74LVT125PWDH PHILIPS-74LVT125PWDH Datasheet
87Kb / 10P
   3.3V Quad buffer 3-State
Rev. 05-10 February 2005
More results

Similar Description - 74LVT125PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT125D-T NXP-74LVT125D-T Datasheet
106Kb / 16P
   3.3 V quad buffer 3-state
Rev. 06-6 March 2006
logo
Nexperia B.V. All right...
74LVTH125 NEXPERIA-74LVTH125 Datasheet
243Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 8 - 18 August 2021
logo
NXP Semiconductors
74LVT_LVTH125 PHILIPS-74LVT_LVTH125_15 Datasheet
106Kb / 16P
   3.3 V quad buffer; 3-state
Rev. 06-6 March 2006
74LVT126 PHILIPS-74LVT126_1 Datasheet
90Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74LVT126 NEXPERIA-74LVT126 Datasheet
240Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 6 - 27 July 2021
logo
NXP Semiconductors
74LVT126 PHILIPS-74LVT126_15 Datasheet
99Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com