Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82V3001 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 82V3001
Description  WAN PLL WITH SINGLE REFERENCE INPUT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

82V3001 Datasheet(HTML) 1 Page - Integrated Device Technology

  82V3001 Datasheet HTML 1Page - Integrated Device Technology 82V3001 Datasheet HTML 2Page - Integrated Device Technology 82V3001 Datasheet HTML 3Page - Integrated Device Technology 82V3001 Datasheet HTML 4Page - Integrated Device Technology 82V3001 Datasheet HTML 5Page - Integrated Device Technology 82V3001 Datasheet HTML 6Page - Integrated Device Technology 82V3001 Datasheet HTML 7Page - Integrated Device Technology 82V3001 Datasheet HTML 8Page - Integrated Device Technology 82V3001 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
2003 Integrated Device Technology, Inc.
OCTOBER 22, 2003
DSC-6242/2
WAN PLL WITH SINGLE
REFERENCE INPUT
IDT82V3001A
DESCRIPTION
The IDT82V3001A is a WAN PLL with single reference input. It
contains a Digital Phase-Locked Loop (DPLL), which generates ST-BUS
clocks and framing signals that are phase locked to a 2.048 MHz, 1.544
MHz or 8 kHz input reference.
The IDT82V3001A provides eight types of clock signals (C1.5o, C3o,
C6o, C2o, C4o, C8o, C16o, C32o) and six types of framing signals (F0o,
F8o, F16o, F32o, RSP, TSP) for the multitrunk T1 and E1 primary rate
transmission links.
The IDT82V3001A is compliant with AT&T TR62411, Telcordia GR-
1244-CORE Stratum 4 Enhanced and Stratum 4, ETSI ETS 300 011. It
FEATURES
• Supports AT&T TR62411 and Telcordia GR-1244-CORE Stra-
tum 4 Enhanced and Stratum 4 timing for DS1 interfaces
• Supports ETSI ETS 300 011, TBR 4, TBR 12 and TBR 13 tim-
ing for E1 interface
• Selectable input reference signal: 8 kHz, 1.544 MHz or 2.048
MHz
• Provides eight types of clock signals: C1.5o, C3o, C2o, C4o,
C6o, C8o, C16o and C32o
• Provides six types of 8 kHz framing pulses: F0o, F8o, F16o,
F32o, RSP and TSP
• Holdover frequency accuracy of 0.025 ppm
• Phase slope of 5 ns/125 µs
• Attenuates wander from 2.1 Hz
• Fast Lock mode
• Provides Time Interval Error (TIE) correction
• MTIE of 600 ns
• JTAG boundary scan
• Holdover status indication
• Freerun status indication
• Normal status indication
• Lock status indication
• 3.3 V operation with 5 V tolerant I/O
• Package available: 56-pin SSOP
meets the jitter/wander tolerance, jitter/wander transfer, intrinsic jitter/
wander, frequency accuracy, capture range, phase change slope,
holdover frequency accuracy and MTIE (Maximum Time Interval Error)
requirements for these specifications.
The IDT82V3001A can be used in synchronization and timing control
for T1 and E1 systems, or used as ST-BUS clock and frame pulse
sources. It can also be used in access switch, access routers, ATM edge
switches, wireless base station controllers, or IADs (Integrated Access
Devices), PBXs and line cards.


Similar Part No. - 82V3001

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82V3001A IDT-82V3001A Datasheet
149Kb / 28P
   WAN PLL WITH SINGLE REFERENCE INPUT
82V3001APVG8 IDT-82V3001APVG8 Datasheet
1Mb / 28P
   WAN PLL WITH SINGLE REFERENCE INPUT
More results

Similar Description - 82V3001

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82V3001A IDT-82V3001A Datasheet
149Kb / 28P
   WAN PLL WITH SINGLE REFERENCE INPUT
logo
Renesas Technology Corp
IDT82V3001A RENESAS-IDT82V3001A Datasheet
316Kb / 29P
   WAN PLL WITH SINGLE REFERENCE INPUT
November 14, 2012
logo
Integrated Device Techn...
82V3001APVG8 IDT-82V3001APVG8 Datasheet
1Mb / 28P
   WAN PLL WITH SINGLE REFERENCE INPUT
IDT82V3011 IDT-IDT82V3011 Datasheet
403Kb / 30P
   T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
logo
Renesas Technology Corp
IDT82V3011 RENESAS-IDT82V3011 Datasheet
516Kb / 32P
   T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
May 24, 2006
logo
Integrated Device Techn...
IDT82V3002A IDT-IDT82V3002A Datasheet
390Kb / 28P
   WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
IDT82V3002A RENESAS-IDT82V3002A Datasheet
1Mb / 30P
   WAN PLL WITH DUAL REFERENCE INPUTS
October 15, 2008
logo
Integrated Device Techn...
IDT82V3002A IDT-IDT82V3002A_08 Datasheet
1Mb / 29P
   WAN PLL WITH DUAL REFERENCE INPUTS
82V3012 IDT-82V3012 Datasheet
456Kb / 32P
   T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
IDT82V3012 RENESAS-IDT82V3012 Datasheet
633Kb / 33P
   T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
February 6, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com