Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSF20L100CT-A Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CSF20L100CT-A
Description  20A Low Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSF20L100CT-A Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CSF20L100CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSF20L100CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSF20L100CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Reverse Voltage,V (V)
R
Fig. 2 - Instantaneous Forward
Characteristics (per diode)
Fig. 3 - Reverse Characteristics (per diode)
Instantaneous Forward Voltage,V (Volts)
F
Fig.4 - Forward Current Derating Curve (per diode)
0
25
50
75
100
125
150
175
O
Case Temperature,T ( C)
C
10
8
4
single phase half wave 60Hz
resistive or inductive load
Fig. 1 - Forward Power Dissipation (per diode)
Average Forward Current,I
(A)
F ( AV )
20A Low Barrier Diode
6
2
0
5
10
15
20
10
8
6
4
2
0
CSF20L100CT-A
0
20
40
60
80
100
100
10
1
0.1
0.01
O
T =25 C
A
O
T =85 C
A
O
T =100
C
A
O
T =150 C
A
O
T =125 C
A
O
T =50 C
A
100
10
1
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
T =25°C
A
T =100°C
A
T =125°C
A
T =150°C
A
T =85°C
A
T =50°C
A
Document ID : DS-11KA0
Revised Date : 2015/12/16
Revision : C6


Similar Part No. - CSF20L100CT-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSF20L120CT-A CITC-CSF20L120CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF20L150CT-A CITC-CSF20L150CT-A Datasheet
507Kb / 3P
   20A MOS Schottky Rectifier
More results

Similar Description - CSF20L100CT-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSF20L60CT-A CITC-CSF20L60CT-A Datasheet
471Kb / 3P
   20A Low Barrier Diode
CSF20L200CT CITC-CSF20L200CT Datasheet
468Kb / 3P
   20A Low Barrier Diode
CSF20L200CT-A CITC-CSF20L200CT-A Datasheet
468Kb / 3P
   20A Low Barrier Diode
CSTF20L40CT CITC-CSTF20L40CT Datasheet
467Kb / 3P
   20A Trench Low Barrier Diode
CST20L40CT CITC-CST20L40CT Datasheet
465Kb / 3P
   20A Trench Low Barrier Diode
CSP20S60S-A CITC-CSP20S60S-A Datasheet
465Kb / 3P
   20A Surface Mount Low Barrier Diode
logo
Formosa MS
MBRF20100CT FORMOSA-MBRF20100CT Datasheet
171Kb / 3P
   20A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
20SQ030 ZSELEC-20SQ030 Datasheet
89Kb / 2P
   20A SCHOTTKY BARRIER DIODE
logo
Renesas Technology Corp
RJS6004WDPK RENESAS-RJS6004WDPK Datasheet
65Kb / 4P
   600V - 20A - Diode SiC Schottky Barrier Diode
RJS6004WDPK RENESAS-RJS6004WDPK_15 Datasheet
70Kb / 4P
   600V - 20A - Diode SiC Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com