Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSF30S60CT-A Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # CSF30S60CT-A
Description  30A MOS Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSF30S60CT-A Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  CSF30S60CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSF30S60CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSF30S60CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
■ Ordering/Packing information
Part number
Case
CSF30S60CT-A
Q'TY/Tube (PCS)
Q'TY/Box (PCS)
Q'TY/Carton (PCS)
ITO-220AB
50
1000
5000
Notes: 1. For packaging details please reference our website at http://www.citcorp.com.tw/tchinese/products/index.php
Halogen Free
HF
Notes:
Pb-Free
Pb
CSF30S60CT : Product type marking code
: CITC Logo
■ Marking information
CSF30S60CT
CSF30S60CTG-A
30A MOS Schottky Rectifier
CSF30S60CT-A
Chip Integration Technology Corporation
Document ID : DS-11K057
Revised Date : 2017/08/22
Revision : C


Similar Part No. - CSF30S60CT-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSF30S100CT-A CITC-CSF30S100CT-A Datasheet
477Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30S45CT-A CITC-CSF30S45CT-A Datasheet
501Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results

Similar Description - CSF30S60CT-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CS30S45CT-A CITC-CS30S45CT-A Datasheet
506Kb / 3P
   30A MOS Schottky Rectifier
CSF30L45CT-A CITC-CSF30L45CT-A Datasheet
506Kb / 3P
   30A MOS Schottky Rectifier
logo
PFC Device Inc.
PFR30L30CT PFC-PFR30L30CT Datasheet
772Kb / 7P
   30A 30V MOS Schottky Rectifier
PFR3045CT PFC-PFR3045CT Datasheet
774Kb / 7P
   30A 45V MOS Schottky Rectifier
PFR3060PT PFC-PFR3060PT Datasheet
660Kb / 6P
   30A 60V MOS Schottky Rectifier
PFR30150CT PFC-PFR30150CT Datasheet
775Kb / 7P
   30A 150V MOS Schottky Rectifier
PFR30A45CT PFC-PFR30A45CT Datasheet
775Kb / 5P
   30A 45V MOS Schottky Rectifier
PFR30A45PT PFC-PFR30A45PT Datasheet
663Kb / 6P
   30A 45V MOS Schottky Rectifier
PFR30L45CT PFC-PFR30L45CT Datasheet
774Kb / 7P
   30A 45V MOS Schottky Rectifier
PFR3060CT PFC-PFR3060CT Datasheet
772Kb / 7P
   30A 60V MOS Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com