Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-811DT Datasheet(PDF) 4 Page - Rohm

Part # SML-811DT
Description  Reverse-mount available type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-811DT Datasheet(HTML) 4 Page - Rohm

  SML-811DT Datasheet HTML 1Page - Rohm SML-811DT Datasheet HTML 2Page - Rohm SML-811DT Datasheet HTML 3Page - Rohm SML-811DT Datasheet HTML 4Page - Rohm SML-811DT Datasheet HTML 5Page - Rohm SML-811DT Datasheet HTML 6Page - Rohm SML-811DT Datasheet HTML 7Page - Rohm SML-811DT Datasheet HTML 8Page - Rohm SML-811DT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
    
[Data Sheet]
■Rank Reference of Brightness*
*Measurement tolerance:±10%
[SML-811x(C) series]
Red(V,U)
(Ta=25ºC, IF=10mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
Iv (mcd)
9.0〜11.2
11.2〜14
14〜18 18〜22.4 22.4〜28 28〜35.5 35.5〜45 45〜56 56〜71 71〜90 90〜112 112〜140 140〜180 180〜224 224〜280 280〜355
SML-811VT(C)*
SML-811UT(C)*
Orange(D)
(Ta=25ºC, IF=10mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
Iv (mcd)
9.0〜11.2
11.2〜14
14〜18 18〜22.4 22.4〜28 28〜35.5 35.5〜45 45〜56 56〜71 71〜90 90〜112 112〜140 140〜180 180〜224 224〜280 280〜355
SML-811DT(C)*
Yellow(Y)
(Ta=25ºC, IF=10mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
Iv (mcd)
9.0〜11.2
11.2〜14
14〜18 18〜22.4 22.4〜28 28〜35.5 35.5〜45 45〜56 56〜71 71〜90 90〜112 112〜140 140〜180 180〜224 224〜280 280〜355
SML-811WT(C)*
*Please note that the brightness of some products may fall between ranks (half rank).
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
4/9
2017.5 - Rev.005


Similar Part No. - SML-811DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-811DT ROHM-SML-811DT Datasheet
319Kb / 3P
   Low Current Type (IF <=10mA) Back-fire chip LEDs
SML-811DT ROHM-SML-811DT Datasheet
2Mb / 4P
   Reverse-mount type
SML-811DT ROHM-SML-811DT Datasheet
993Kb / 13P
   SML-811x/812x/813x Series
2022.2 - Rev.015
SML-811DTA ROHM-SML-811DTA Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811DTA ROHM-SML-811DTA Datasheet
590Kb / 11P
   Reverse-mount available type
More results

Similar Description - SML-811DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-812MTT86 ROHM-SML-812MTT86 Datasheet
1Mb / 12P
   Reverse-mount available type
SML-81 ROHM-SML-81 Datasheet
2Mb / 4P
   Reverse-mount type
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
logo
Rohm
SML-810TBT86 ROHM-SML-810TBT86 Datasheet
1Mb / 4P
   Reverse-mount type phototransistors
SML-811UTT86 ROHM-SML-811UTT86 Datasheet
590Kb / 11P
   ?줣everse-mount available type
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com