Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-811DT Datasheet(PDF) 5 Page - Rohm

Part # SML-811DT
Description  Reverse-mount available type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-811DT Datasheet(HTML) 5 Page - Rohm

  SML-811DT Datasheet HTML 1Page - Rohm SML-811DT Datasheet HTML 2Page - Rohm SML-811DT Datasheet HTML 3Page - Rohm SML-811DT Datasheet HTML 4Page - Rohm SML-811DT Datasheet HTML 5Page - Rohm SML-811DT Datasheet HTML 6Page - Rohm SML-811DT Datasheet HTML 7Page - Rohm SML-811DT Datasheet HTML 8Page - Rohm SML-811DT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
    
[Data Sheet]
■Taping(T86)
Unit:
mm
Note)Tolerance is within ±0.2mm unless
otherwise specified.
■Part No. Construction
■Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) included in moisture-proof bags.
or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
[SML-811x(C) series]
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags
1.5
4
2
11.4
1.2
φ 1.5
+ 0.1
0
± 1
± 0.1
±0 .05
Cathode
Index
P ull
dir ection
Packing
quantity
3,00 0pcs/reel
± 0. 1
+0 .1
-0 .03
*"-"will be taken out for emitting color
Special Code will be applied for
Chromaticity rank
Rank sign
WB/B/E series.
Emitting color WB/B/E series.
(for white LED)
(Brightness Rank)*
Series name
Package Type
Chip type Emitting Color
Resin Color
Taping Specification
SML
P1
0
V
T
E1
1
U
W
D1
2
U2
B
H1
3
D
M1
4
Y3
01
5
Y2
notice)S1 series、81 seires
Z1/ZN
6
Y
A1
7
W
81/82
8
M2
K1
M
*Concerning the Brightness rank.
S1
F
*Please refer to the rank chart above for
P2
P
luminous intensity classification.
52
E
*Part name is individual for each rank.
P34
B
*When shipped as sample,the part name will
P36
WB
be a representative part name.
VN
T
General products are free of ranks.
RGB
Please contact sales if rank appointment
SCM
01
is needed.
Red/Green/Blue
Chip LED
3.0x1.5 t=2.2mm
1.0x1.0 t=0.2mm
Blue
1.5x1.0 t=0.2mm
White
3.5x2.8 t=0.6mm
Phototransistors
3.2x1.6 t=1.85mm
Green
1.0x1.0 t=0.2mm
Green
1.3x1.5 t=0.6mm
Green
Cathode at sprocket hole side(the back)
1.6x1.15 t=0.55mm
T68 Cathode at sprocket hole side(the top)
3.4x1.25 t=1.1mm
T86
4.5x2.0 t=0.6mm
Yellowish green
Black
2.0x1.25 t=0.8mm
Ultra High Brightness type
3.0x2.0 t=1.3mm
3.5x2.8 t=1.9mm
High Brightness type
Yellowish green
Red
Yellow
Yellow
Yellow
Yellow
Chip LED
1.0x0.6 t=0.2mm
1.6x0.8 t=0.36mm
1.6x0.8 t=0.55mm
Low Current Type
Red
Milkey White
T87 Anode at sprocket hole side(the top)
1
Orange
6
H
AL
8
3
For white LED,
csthode at sprocket hole side
Standard Type
Red
Transparent Colorless
T86 Cathode at sprocket hole side(the top)
1
U
T
T
1
S
M
L
8
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
5/9
2017.5 - Rev.005


Similar Part No. - SML-811DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-811DT ROHM-SML-811DT Datasheet
319Kb / 3P
   Low Current Type (IF <=10mA) Back-fire chip LEDs
SML-811DT ROHM-SML-811DT Datasheet
2Mb / 4P
   Reverse-mount type
SML-811DT ROHM-SML-811DT Datasheet
993Kb / 13P
   SML-811x/812x/813x Series
2022.2 - Rev.015
SML-811DTA ROHM-SML-811DTA Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811DTA ROHM-SML-811DTA Datasheet
590Kb / 11P
   Reverse-mount available type
More results

Similar Description - SML-811DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-812MTT86 ROHM-SML-812MTT86 Datasheet
1Mb / 12P
   Reverse-mount available type
SML-81 ROHM-SML-81 Datasheet
2Mb / 4P
   Reverse-mount type
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
logo
Rohm
SML-810TBT86 ROHM-SML-810TBT86 Datasheet
1Mb / 4P
   Reverse-mount type phototransistors
SML-811UTT86 ROHM-SML-811UTT86 Datasheet
590Kb / 11P
   ?줣everse-mount available type
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com